Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA3807 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFPA3807
Description  GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA3807 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFPA3807 Datasheet HTML 2Page - RF Micro Devices RFPA3807 Datasheet HTML 3Page - RF Micro Devices RFPA3807 Datasheet HTML 4Page - RF Micro Devices RFPA3807 Datasheet HTML 5Page - RF Micro Devices RFPA3807 Datasheet HTML 6Page - RF Micro Devices RFPA3807 Datasheet HTML 7Page - RF Micro Devices RFPA3807 Datasheet HTML 8Page - RF Micro Devices RFPA3807 Datasheet HTML 9Page - RF Micro Devices RFPA3807 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10 of 10
RFPA3807
DS100916
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Dimensions in inches (millimeters)
Branding Diagram
YYWW=date code where YY=year, WW=week. Trace Code=lot code assigned by packaging supplier.
Pin
Function
Description
1VREF
Control input to the active bias circuit to set ICQ. Can be used as a power-down pin.
2NC
No connection.
3RF IN
RF input. External DC block is required.
4NC
No connection.
5NC
No connection.
6RF OUT/VCC RF output, device collector.
7RF OUT/VCC RF output, device collector.
8VBIAS
Supply voltage for the active bias circuit.
EPAD
GND
DC and RF ground. Must be soldered to EVB ground plane over a bed of vias for thermal and RF performance.
 


Similar Part No. - RFPA3807

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3807PCK-410 RFMD-RFPA3807PCK-410 Datasheet
1Mb / 10P
   AMPLIFIER
RFPA3807PCK-411 RFMD-RFPA3807PCK-411 Datasheet
1Mb / 10P
   AMPLIFIER
RFPA3807SQ RFMD-RFPA3807SQ Datasheet
1Mb / 10P
   AMPLIFIER
RFPA3807SR RFMD-RFPA3807SR Datasheet
1Mb / 10P
   AMPLIFIER
RFPA3807TR13 RFMD-RFPA3807TR13 Datasheet
1Mb / 10P
   AMPLIFIER
More results

Similar Description - RFPA3807

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA2189 RFMD-RFPA2189 Datasheet
863Kb / 11P
   GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
   GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2545 RFMD-RFPA2545 Datasheet
2Mb / 19P
   Broadband 4W GaAs HBT Power Amplifier 1400MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
   GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
SXB4089Z RFMD-SXB4089Z Datasheet
780Kb / 11P
   400MHz to 2500MHz 쩍W MEDIUM POWER InGaP/GaAs HBT AMPLIFIER
logo
List of Unclassifed Man...
RFPA2013 ETC2-RFPA2013 Datasheet
677Kb / 1P
   RFPA2013 and RFPA2189 GaAs HBT Power Amplifier, 0.5W, 400 to 2700MHz
logo
RF Micro Devices
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
   InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
RFDA0057 RFMD-RFDA0057 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com