Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3023PCK-410 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3023PCK-410
Description  BROADBAND MEDIUM POWER SPDT SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3023PCK-410 Datasheet(HTML) 4 Page - RF Micro Devices

  RF3023PCK-410 Datasheet HTML 1Page - RF Micro Devices RF3023PCK-410 Datasheet HTML 2Page - RF Micro Devices RF3023PCK-410 Datasheet HTML 3Page - RF Micro Devices RF3023PCK-410 Datasheet HTML 4Page - RF Micro Devices RF3023PCK-410 Datasheet HTML 5Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 of 5
DS101111
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF3023
Typical Performance
Temp=25°C, VCONTROL=3.0V
Note: Low Frequency RL performance can be improved using larger DC blocking capacitors.


Similar Part No. - RF3023PCK-410

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF3023 REYCONNS-RF3023 Datasheet
248Kb / 5P
   SAW Filter
More results

Similar Description - RF3023PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3024 RFMD-RF3024 Datasheet
353Kb / 5P
   BROADBAND MEDIUM POWER SPDT SWITCH
RF1126 RFMD-RF1126 Datasheet
410Kb / 7P
   BROADBAND MEDIUM POWER SPDT SWITCH
RF1127 RFMD-RF1127 Datasheet
555Kb / 8P
   BROADBAND LOW POWER SPDT SWITCH
RFSW1012 RFMD-RFSW1012 Datasheet
863Kb / 13P
   BROADBAND SPDT SWITCH
RF1602L RFMD-RF1602L Datasheet
645Kb / 8P
   Broadband SPDT Switch
RF1602 RFMD-RF1602 Datasheet
601Kb / 8P
   Broadband SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0093 MA-COM-MASWSS0093_15 Datasheet
82Kb / 3P
   GaAs Broadband SPDT Switch
MASWSS0070_V5 MA-COM-MASWSS0070_V5 Datasheet
126Kb / 5P
   GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588_15 Datasheet
550Kb / 4P
   GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107_15 Datasheet
718Kb / 6P
   GaAs Broadband SPDT Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com