Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD127-48HHB Datasheet(PDF) 1 Page - ORION FANS

Part # OD127-48HHB
Description  DC Fan - 12, 24, 48V 127x38.5mm (5.0?쓝 1.5??
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD127-48HHB Datasheet(HTML) 1 Page - ORION FANS

  OD127-48HHB Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
55
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD127 Series
DC Fan - 12, 24, 48V
127x38.5mm (5.0”x 1.5”)
Frame & Impeller
PBT, UL94V-O plastic
Available Options:
Tachometer (FG)
Alarm (RD)
Thermal Speed Control
(Thermistor)
PWMInput
Life Expectancy (L10)
Ball - 60,000 hrs (45C)
Operating Temperature
Ball: -20 ~ 75C
Connection
2x Lead wires
Motor
Brushless DC, auto restart,
polarity protected
Bearing System
Dual Ball bearing
Insulation Resistance 10Mohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Storage Temperature -30C ~ +90C
m1
Model Number
Speed (RPM) Airflow (CFM) Noise (dB)
Volts DC Voltage Range Amps
Max. Static
Pressure (“H2O)
OD127-12HHB
4100
226
62
12
8~14
2.3
0.55
OD127-12HB
3500
193
56
12
8~14
1.2
0.46
OD127-12MB
2950
161
53
12
8~14
0.78
0.35
OD127-24HB XC
4500
242
65
24
11~28
1.3
0.63
OD127-24HHB
4100
226
62
24
11~28
1.1
0.55
OD127-24HB
3500
193
56
24
11~28
0.61
0.46
OD127-24MB
2950
161
53
24
11~28
0.41
0.35
OD127-48HB XC
4500
242
65
48
22~55
0.70
0.63
OD127-48HHB
4100
226
62
48
22~55
0.55
0.55
OD127-48HB
3500
193
56
48
22~55
0.34
0.46
OD127-48MB
2950
161
53
48
22~55
0.23
0.35
OD127-48LB
2500
133
30
48
22~55
0.17
0.23
OD127-48LLB
2000
107
41
48
22~55
0.12
0.16
77282 2009_fan_cat sec 3:Layout 1
8/3/09
11:19 AM
Page 55


Similar Part No. - OD127-48HHB

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD127-12HHB ORIONFANS-OD127-12HHB_15 Datasheet
181Kb / 1P
   DC Fan
More results

Similar Description - OD127-48HHB

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD8038VA ORIONFANS-OD8038VA_16 Datasheet
329Kb / 1P
   DC Fan - 12, 24, 48V 80x38mm (3.15?쓝 1.5??
OD1238VA ORIONFANS-OD1238VA_17 Datasheet
264Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238VXC ORIONFANS-OD1238VXC Datasheet
264Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238XC ORIONFANS-OD1238XC_16 Datasheet
242Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD172S ORIONFANS-OD172S Datasheet
162Kb / 1P
   DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD172SXC ORIONFANS-OD172SXC Datasheet
99Kb / 1P
   DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD1232 ORIONFANS-OD1232 Datasheet
115Kb / 1P
   DC Fan - 12, 24, 48V 120x32mm (4.7?쓝 1.25??
OD180APL ORIONFANS-OD180APL Datasheet
164Kb / 1P
   DC Fan - 12, 24, 48V 180x65mm (7.1?쓝 2.6??
OD9225 ORIONFANS-OD9225_16 Datasheet
636Kb / 1P
   DC Fan - 12, 24, 48V 92x25 (3.62?쓝 1.00??
OD6025 ORIONFANS-OD6025_16 Datasheet
1Mb / 1P
   DC Fan - 5, 12, 24, 48V 60x25mm (2.36?쓝 1.0??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com