Electronic Components Datasheet Search |
|
DL4004 Datasheet(PDF) 1 Page - Micro Commercial Components |
|
DL4004 Datasheet(HTML) 1 Page - Micro Commercial Components |
1 / 3 page DL4001 THRU DL4007 1 Amp Glass Passivated Rectifier 50 to 1000 Volts MELF SUGGESTED SOLDER PAD LAYOUT Features • Glass Passivated Junction • Low Current Leakage • Surface Mount Applications DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .185 .205 4.70 5.20 B .018 .022 0.46 0.56 Nominal C .095 .105 2.40 2.67 ∅ Maximum Ratings MCC Part Number Device Marking Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage DL4001 ------- 50V 35V 50V DL4002 ------- 100V 70V 100V DL4003 ------- 200V 140V 200V DL4004 ------- 400V 280V 400V DL4005 ------- 600V 420V 600V DL4006 ------- 800V 560V 800V DL4007 ------- 1000V 700V 1000V Electrical Characteristics @ 25 °C Unless Otherwise Specified Average Forward Current IF(AV) 1.0A TA = 75 °C Peak Forward Surge Current IFSM 30A 8.3ms, half sine Maximum Instantaneous Forward Voltage VF 1.1V IFM = 1.0A; TJ = 25 °C* Maximum DC Reverse Current At Rated DC Blocking Voltage IR 5.0 µA 50 µA TJ = 25 °C TJ = 125 °C Typical Junction Capacitance CJ 12pF Measured at 1.0MHz, VR=4.0V *Pulse test: Pulse width 300 µsec, Duty cycle 2% A B C Cathode Mark .220” .035” .115” omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC Revision: A 20 11/01/01 TM Micro Commercial Components www.mccsemi.com 1 of 3 • Operating Temperature: -65 °C to +150°C • Storage Temperature: -65 °C to +150°C • Maximum Thermal Resistance; 30 °C/W Junction To Lead DL4001 NOT RECOMMENDED FOR NEW DESIGNS USE GS1A-LTP~GS1M-LTP SERIES • Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information) • Epoxy meets UL 94 V-0 flammability rating • Moisture Sensitivity Level 1 Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7. |
Similar Part No. - DL4004 |
|
Similar Description - DL4004 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |