Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL4148 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # DL4148
Description  500mW High Speed Switching Diode 100 Volt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL4148 Datasheet(HTML) 3 Page - Micro Commercial Components

  DL4148_11 Datasheet HTML 1Page - Micro Commercial Components DL4148_11 Datasheet HTML 2Page - Micro Commercial Components DL4148_11 Datasheet HTML 3Page - Micro Commercial Components DL4148_11 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
100
4
0
400
800
1200
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
MilliAmps
Cycles
2
6
10
20
60 80
40
1600
2000
2400
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - NanoAmperes versus
Junction Temperature -
°C
TJ
40
60
200
100
NanoAmp
s
2
0
120
4
0
60
80
100
.1
.2
.4
.6
1
2
4
6
10
20
400
600
1000
140
TA=25
°C
Revision: A
2011/01/01
DL4148
MCC
TM
Micro Commercial Components
www.mccsemi.com
3 of 4


Similar Part No. - DL4148_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4148 MCC-DL4148_12 Datasheet
469Kb / 4P
   500mW High Speed Switching Diode 100 Volt Surface Mount Applications
More results

Similar Description - DL4148_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4148-TP MCC-1N4148-TP Datasheet
239Kb / 4P
   500mW High Speed Switching Diode 100 Volt
1N4148 MCC-1N4148_11 Datasheet
212Kb / 4P
   500mW High Speed Switching Diode 100 Volt
DL4148-TP MCC-DL4148-TP Datasheet
469Kb / 4P
   500mW High Speed Switching Diode 100 Volt
logo
Shanghai Lunsure Electr...
DL4148 CHENYI-DL4148 Datasheet
100Kb / 3P
   500mw high speed switching diode 100 volt
logo
Micro Commercial Compon...
1N4148 MCC-1N4148_12 Datasheet
224Kb / 4P
   500mW High Speed Switching Diode 100 Volt
DL4148 MCC-DL4148_12 Datasheet
469Kb / 4P
   500mW High Speed Switching Diode 100 Volt Surface Mount Applications
DL914 MCC-DL914 Datasheet
361Kb / 3P
   500mW 100 Volt Silicon Switching Diode
DL914 MCC-DL914_14 Datasheet
378Kb / 4P
   500mW 100 Volt Silicon Switching Diode
DL4148 MCC-DL4148 Datasheet
77Kb / 3P
   500mW 100 Volt Silicon Switching Diode
DL914 MCC-DL914_11 Datasheet
723Kb / 4P
   500mW 100 Volt Silicon Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com