Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP11 Datasheet(PDF) 2 Page - C&K Components

Part # FP11
Description  Sealed Ultra Miniature Pushbutton Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

FP11 Datasheet(HTML) 2 Page - C&K Components

  FP11 Datasheet HTML 1Page - C&K Components FP11 Datasheet HTML 2Page - C&K Components FP11 Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A-108
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
A
Third Angle
Projection
FP Series
Sealed Ultra Miniature Pushbutton Switches
SWITCH FUNCTION
ACTUATOR LENGTH
MODEL
NO.
SWITCH FUNCTION
POS. 1
POS. 2
FP11
OFF
MOM
CONNECTED
TERMINALS
OPEN
1-3
SCHEMATIC SPST
1
3
1
5.6
0.3
4.5
7
2.54
2.54
0.45
0.2
1.6
3.3
10.5
2.4
1 STROKE
EPOXY SEAL
(3)
(1)
(6)
(4)
(4) AND (6) ARE SUPPORT TERMINALS
TERMINAL NO
KEY WAY
5.08
0.2
5.6
0.45
7
1
0.3
5.08
0.5
7
(1)
(3)
TERMINAL NUMBER
KEY WAY
EPOXY SEAL
C1
VERTICAL
A1
RIGHT ANGLE
3.3
SP
STANDARD PLUNGER 3.3MM
NEW!


Similar Part No. - FP11

ManufacturerPart #DatasheetDescription
logo
C&K Components
FP11-SP-A1-B1-TP-00 CK-COMPONENTS-FP11-SP-A1-B1-TP-00 Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP11-SP-A1-B1-TP-01 CK-COMPONENTS-FP11-SP-A1-B1-TP-01 Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP11-SP-A1-B1-TP-02 CK-COMPONENTS-FP11-SP-A1-B1-TP-02 Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP11-SP-A1-B1-TP-03 CK-COMPONENTS-FP11-SP-A1-B1-TP-03 Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP11-SP-C1B1-TP-00 CK-COMPONENTS-FP11-SP-C1B1-TP-00 Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
More results

Similar Description - FP11

ManufacturerPart #DatasheetDescription
logo
C&K Components
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP-SERIES CK-COMPONENTS-FP-SERIES Datasheet
178Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
logo
E-SWITCH
800A E-SWITCH-800A Datasheet
142Kb / 2P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
800B E-SWITCH-800B Datasheet
189Kb / 1P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
Copal Electronics
CFP2 COPAL-CFP2 Datasheet
928Kb / 3P
   Ultra-Miniature Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
   Ultra-Miniature Pushbutton Switches
logo
GREATECS
PB4 GREATECS-PB4 Datasheet
1Mb / 2P
   Sealed Sub-Miniature Pushbutton Switches
logo
Copal Electronics
TP_SERIES COPAL-TP_SERIES Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
logo
GREATECS
PB64 GREATECS-PB64 Datasheet
837Kb / 3P
   Sealed Sub-Miniature SMT Pushbutton Switches
logo
Copal Electronics
LTM3-01 COPAL-LTM3-01 Datasheet
192Kb / 2P
   Ultra-Miniature Illuminated Pushbutton Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com