Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C115371-4971 Datasheet(PDF) 7 Page - C&K Components

Part # C115371-4971
Description  D*BM Series compliant
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

C115371-4971 Datasheet(HTML) 7 Page - C&K Components

Back Button C115371-4971 Datasheet HTML 3Page - C&K Components C115371-4971 Datasheet HTML 4Page - C&K Components C115371-4971 Datasheet HTML 5Page - C&K Components C115371-4971 Datasheet HTML 6Page - C&K Components C115371-4971 Datasheet HTML 7Page - C&K Components C115371-4971 Datasheet HTML 8Page - C&K Components C115371-4971 Datasheet HTML 9Page - C&K Components C115371-4971 Datasheet HTML 10Page - C&K Components C115371-4971 Datasheet HTML 11Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
D*BM Series compliant with ESA/ESCC 3401/080 specification
Connectors Savers, Electrical, Rectangular, Non-Removable
Signal Contacts, and Removable Coaxial and Power Contact For
D*Subminiature
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
www.ck-components.com
7
How to Order :
● Connectors D*BM – FR022 without Power or Coaxial contact (Engineering Models) :
(
Manufacturing Control and documentation compliant with C&K FR022 specifications)
Shell
Size
Contact
arrangement
C&K FR022
Connector Description
C&K
Part Number
E
9
DEBM9PSNMB-FR022
C115371-4950
E
5W1
DEBM5W1PSNMB-FR022
C115371-4951
A
15
DABM15PSNMB-FR022
C115371-4952
A
3WK3
DABM3WK3PSNMB-FR022
C115371-4953
A
3W3
DABM3W3PSNMB-FR022
C115371-4954
A
7W2
DABM7W2PSNMB-FR022
C115371-4955
A
11W1
DABM11W1PSNMB-FR022
C115371-4956
B
25
DBBM25PSNMB-FR022
C115371-4957
B
5W5
DBBM5W5PSNMB-FR022
C115371-4958
B
9W4
DBBM9W4PSNMB-FR022
C115371-4959
B
13W3
DBBM13W3PSNMB-FR022
C115371-4960
B
17W2
DBBM17W2PSNMB-FR022
C115371-4961
B
21W1
DBBM21W1PSNMB-FR022
C115371-4962
C
37
DCBM37PSNMB-FR022
C115371-4963
C
8W8
DCBM8W8PSNMB-FR022
C115371-4964
C
13W6
DCBM13W6PSNMB-FR022
C115371-4965
C
17W5
DCBM17W5PSNMB-FR022
C115371-4966
C
21WA4
DCBM21WA4PSNMB-FR022
C115371-4967
C
25W3
DCBM25W3PSNMB-FR022
C115371-4968
C
27W2
DCBM27W2PSNMB-FR022
C115371-4969
D
50
DDBM50PSNMB-FR022
C115371-4970
D
24W7
DDBM24W7PSNMB-FR022
C115371-4971
D
36W4
DDBM36W4PSNMB-FR022
C115371-4972
D
43W2
DDBM43W2PSNMB-FR022
C115371-4973
D
47W1
DDBM47W1PSNMB-FR022
C115371-4974
● Power Contacts – FR022 (Engineering Models) :
FR022 Contact Description
C&K Part-Number
DM115440-14A
C115440-0014A
● Coaxial Contacts – FR022 (Engineering Models) :
FR022 Contact Description
C&K Part-Number
DM115440-15A
C115440-15A


Similar Part No. - C115371-4971

ManufacturerPart #DatasheetDescription
logo
C&K Components
C115373-0001 CK-COMPONENTS-C115373-0001 Datasheet
1Mb / 6P
   MDMA - Connectors, Electrical, Rectangular, Microminiature
C115373-0002 CK-COMPONENTS-C115373-0002 Datasheet
1Mb / 6P
   MDMA - Connectors, Electrical, Rectangular, Microminiature
C115373-0050C CK-COMPONENTS-C115373-0050C Datasheet
1Mb / 6P
   MDMA - Connectors, Electrical, Rectangular, Microminiature
C115373-0051C CK-COMPONENTS-C115373-0051C Datasheet
1Mb / 6P
   MDMA - Connectors, Electrical, Rectangular, Microminiature
C115373-0052C CK-COMPONENTS-C115373-0052C Datasheet
1Mb / 6P
   MDMA - Connectors, Electrical, Rectangular, Microminiature
More results

Similar Description - C115371-4971

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
BM SHARMA-BM Datasheet
352Kb / 2P
   BM Series
logo
Cooper Bussmann, Inc.
BM6031PQ COOPER-BM6031PQ Datasheet
113Kb / 1P
   Supplementary Fuseblocks BM Series
logo
ERNI Electronics
100201930001 ERNI-100201930001 Datasheet
142Kb / 1P
   Federleiste SMD, 91-pol. BM
logo
PHOENIX CONTACT
1676828 PHOENIX-1676828 Datasheet
94Kb / 3P
   HC-M-BM
logo
ERNI Electronics
DC0008057 ERNI-DC0008057 Datasheet
162Kb / 1P
   Federleiste SMD. 133-pol. BM Female Con. SMD. 133 cont. BM
logo
C&K Components
3401-080 CK-COMPONENTS-3401-080 Datasheet
412Kb / 12P
   3401-080 D*BM Connector Savers for D*M Combination Arrangement
logo
ERNI Electronics
DC0008060 ERNI-DC0008060 Datasheet
152Kb / 1P
   Messerleiste SMD. 133-pol. BM Male Con. SMD. 133 cont. BM
394256 ERNI-394256 Datasheet
162Kb / 1P
   Federleiste SMD, 133-pol. BM
100101930001 ERNI-100101930001 Datasheet
117Kb / 1P
   Messerleiste SMD, 91-pol. BM
374723 ERNI-374723 Datasheet
164Kb / 1P
   Messerl. 1mm SMD 50pol. BM EMV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com