Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E010 Datasheet(PDF) 2 Page - C&K Components

Part # E010
Description  Sealed Momentary Pushbutton Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

E010 Datasheet(HTML) 2 Page - C&K Components

  E010 Datasheet HTML 1Page - C&K Components E010 Datasheet HTML 2Page - C&K Components E010 Datasheet HTML 3Page - C&K Components E010 Datasheet HTML 4Page - C&K Components E010 Datasheet HTML 5Page - C&K Components E010 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A-47
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
A
Third Angle
Projection
E010 Series
Sealed Momentary Pushbutton Switches
SWITCH FUNCTION
PLUNGER
BUSHING
PANEL MOUNTING
**
.120 DIA.
(3,05)
.120 DIA.
(3,05)
.224
(5,69)
SPDT
2-3
2-1
MOM.
ON
E112
SP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
SWITCH FUNCTION
POS. 1
POS. 2
MODEL
NO.
NO.
POLES
SPDT
Terminal Nos.
For Reference Only
Part number shown: E112SD1CQE
MOM. = Momentary
All models
with all options when ordered with G or Q contact material.
C&K marking this side
C&K marking this side
S .218" HIGH
D1 UNTHREADED
Y THREADED, KEYWAY
S plunger standard with D1 bushing.
NOTE: Internal o-ring actuator seal standard for all bushing options.
L plunger standard with Y bushing. Available only with C, Z terminations.
Hardware: One dress nut part number 299D01201, one hex nut and lockwasher supplied standard.
Withstands 4 in./lbs. without distortion.
NOTE:
Caps available for all plunger options, see pages A-50 and A-51.
L .338" HIGH
M .331" HIGH, SNAP-FITTING
Standard with D1 bushing (as shown).
† Subtract .100 (2,54) from plunger length when ordered
with Y bushing.
Standard with Y bushing (as shown).
** Add .100 (2,54) from plunger length when ordered
with D1 bushing.


Similar Part No. - E010

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
885Kb / 6P
   Sealed Momentary Pushbutton Switches
17 Mar 22
logo
List of Unclassifed Man...
E01004011I7400361AN ETC-E01004011I7400361AN Datasheet
596Kb / 23P
   TECHNICAL SPECIFICATION
Version: 2.0 Nov 15 , 2010
logo
C&K Components
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
   Sealed Momentary Pushbutton Switches
17 Mar 22
More results

Similar Description - E010

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
   Sealed Momentary Pushbutton Switches
17 Mar 22
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
ISR3SAD300 ETC2-ISR3SAD300 Datasheet
331Kb / 4P
   Sealed pushbutton switches - bushing 12 mm - momentary
ISR3SAD200 ETC2-ISR3SAD200 Datasheet
343Kb / 5P
   Sealed pushbutton switches - bushing 12 mm - momentary
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
   Momentary Pushbutton Switches with LED
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com