Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C115371-4963 Datasheet(PDF) 2 Page - C&K Components

Part # C115371-4963
Description  D*BM Series compliant
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

C115371-4963 Datasheet(HTML) 2 Page - C&K Components

  C115371-4963 Datasheet HTML 1Page - C&K Components C115371-4963 Datasheet HTML 2Page - C&K Components C115371-4963 Datasheet HTML 3Page - C&K Components C115371-4963 Datasheet HTML 4Page - C&K Components C115371-4963 Datasheet HTML 5Page - C&K Components C115371-4963 Datasheet HTML 6Page - C&K Components C115371-4963 Datasheet HTML 7Page - C&K Components C115371-4963 Datasheet HTML 8Page - C&K Components C115371-4963 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
D*BM Series compliant with ESA/ESCC 3401/080 specification
Connectors Savers, Electrical, Rectangular, Non-Removable Signal
Contacts, and Removable Coaxial and Power Contact For
D*Subminiature
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
www.ck-components.com
2
SECTION 1 : ESA / ESCC 3401-080 WITHOUT POWER OR COAXIAL CONTACTS
Connectors defined in 3401-080 Specification are delivered without Coaxial or Power contacts. The Power
or Coaxial contacts shall be ordered separately. Power and Coaxial contacts have to come from the same
manufacturer as the connector. This should be checked prior to assembly.
However, Connectors can be ordered with power or coaxial contacts installed (See Section 2)
● Connectors D*BM - ESA/ESCC 3401-080 (Flying Models) :
Our easy build-a-connector concept allows to mix and match options to create the D*BM required. To order, manage your
selection based on the here below listed boxes.
For any part number different from those listed here below, please consult your local C&K components
representative.
3401080 01B
D B BM 17W2 PS NMB
● Contacts Power for D*BM - ESA/ESCC 3401-080 (Flying Models) :
3401040 17
B
● Contacts Coaxial for D*BM - ESA/ESCC 3401-080 (Flying Models) :
3401004 25
B
Variant 01 :
Contact arrangement standard :
9 / 15 / 25 / 37 / 50
Contact arrangement combo :
Size E : 5W1
Size A: 3WK3 / 3W3 / 7W2 / 11W1
Size B : 5W5 / 9W4 / 13W3 / 17W2 / 21W1
Size C : 8W8 / 13W6 / 17W5 / 21WA4 / 25W3 / 27W3
Size D : 24W7 / 36W4 / 43W2 / 47W1
PS : Saver contact
Magnetism level :
NMB : 200 Gamma
NMC : 20 Gamma (on special request)
Series
Shell size :
E, A, B, C, D
Insert type : BM
Detail specification
number
Variants :
- 25 : Saver (Pin / socket)
Testing level
Variants :
- 17 : Saver (Pin / socket)
Detail specification
number
Testing level
Detail specification
number


Similar Part No. - C115371-4963

ManufacturerPart #DatasheetDescription
logo
C&K Components
C115373-0001 CK-COMPONENTS-C115373-0001 Datasheet
1Mb / 6P
   MDMA - Connectors, Electrical, Rectangular, Microminiature
C115373-0002 CK-COMPONENTS-C115373-0002 Datasheet
1Mb / 6P
   MDMA - Connectors, Electrical, Rectangular, Microminiature
C115373-0050C CK-COMPONENTS-C115373-0050C Datasheet
1Mb / 6P
   MDMA - Connectors, Electrical, Rectangular, Microminiature
C115373-0051C CK-COMPONENTS-C115373-0051C Datasheet
1Mb / 6P
   MDMA - Connectors, Electrical, Rectangular, Microminiature
C115373-0052C CK-COMPONENTS-C115373-0052C Datasheet
1Mb / 6P
   MDMA - Connectors, Electrical, Rectangular, Microminiature
More results

Similar Description - C115371-4963

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
BM SHARMA-BM Datasheet
352Kb / 2P
   BM Series
logo
Cooper Bussmann, Inc.
BM6031PQ COOPER-BM6031PQ Datasheet
113Kb / 1P
   Supplementary Fuseblocks BM Series
logo
ERNI Electronics
100201930001 ERNI-100201930001 Datasheet
142Kb / 1P
   Federleiste SMD, 91-pol. BM
logo
PHOENIX CONTACT
1676828 PHOENIX-1676828 Datasheet
94Kb / 3P
   HC-M-BM
logo
ERNI Electronics
DC0008057 ERNI-DC0008057 Datasheet
162Kb / 1P
   Federleiste SMD. 133-pol. BM Female Con. SMD. 133 cont. BM
logo
C&K Components
3401-080 CK-COMPONENTS-3401-080 Datasheet
412Kb / 12P
   3401-080 D*BM Connector Savers for D*M Combination Arrangement
logo
ERNI Electronics
DC0008060 ERNI-DC0008060 Datasheet
152Kb / 1P
   Messerleiste SMD. 133-pol. BM Male Con. SMD. 133 cont. BM
394256 ERNI-394256 Datasheet
162Kb / 1P
   Federleiste SMD, 133-pol. BM
100101930001 ERNI-100101930001 Datasheet
117Kb / 1P
   Messerleiste SMD, 91-pol. BM
374723 ERNI-374723 Datasheet
164Kb / 1P
   Messerl. 1mm SMD 50pol. BM EMV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com