Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS01AB Datasheet(PDF) 3 Page - C&K Components

Part # TS01AB
Description  Tiny Slide Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TS01AB Datasheet(HTML) 3 Page - C&K Components

  TS01AB Datasheet HTML 1Page - C&K Components TS01AB Datasheet HTML 2Page - C&K Components TS01AB Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
I–10
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
I
TS Series
Tiny Slide Switches
CONTACT MATERIAL
SEAL
F
EPOXY SEAL AND SPLASHPROOF RTV LATEX RUBBER SEAL
E
EPOXY SEAL
NOTE: RTV latex rubber seal peels off easily after installation.
Epoxy terminal seal standard. Not available with A termination.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with matte-tin over nickel plate
All models
with all options when ordered with G, S or R contact material.
B contact material standard with A and W terminations.
Q contact material standard with C terminations.
NOTE: Any models supplied with Q, B, G, P, S or R contact material are RoHS compliant.
TS01 MODELS: 0.4 VA MAX @20 V AC OR DC MAX. OR
3 AMPS @ 120 V AC OR 28 V DC.
TS02, TS03 MODELS: 0.4 VA MAX @ 20 V AC OR DC MAX. OR
1 AMP @ 120 V AC OR 28 V DC.
TS01 MODELS: 3 AMPS @ 120 V AC OR 28 V DC.
TS02, TS03 MODELS: 1 AMP @ 120 V AC OR 28 V DC.
0.4 VA MAX. @ 20 V AC OR DC MAX.
LOW LEVEL/DRY
CIRCUIT OR POWER
POWER
LOW LEVEL/DRY
CIRCUIT
GOLD OVER
SILVER 2,3
SILVER 4,5
GOLD 1
OPTION
CODE
RATINGS
CONTACT
MATERIAL
B
P
Q
S
G
R
GOLD 3
MATTE-TIN 6
SILVER 5
MATTE-TIN 6
GOLD 3
MATTE-TIN 6
TERMINAL
PLATING


Similar Part No. - TS01AB

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TS01ABE ITT-TS01ABE Datasheet
248Kb / 3P
   Tiny Slide Switches
TS01ABF ITT-TS01ABF Datasheet
248Kb / 3P
   Tiny Slide Switches
More results

Similar Description - TS01AB

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TS01ABE ITT-TS01ABE Datasheet
248Kb / 3P
   Tiny Slide Switches
logo
C&K Components
TS CK-COMPONENTS-TS Datasheet
304Kb / 3P
   Tiny Slide Switches
27 Jul 21
ES01MCBE CK-COMPONENTS-ES01MCBE Datasheet
400Kb / 4P
   Sealed Tiny Slide Switches
logo
ITT Industries
ES01MCBE ITT-ES01MCBE Datasheet
393Kb / 4P
   Sealed Tiny Slide Switches
logo
C&K Components
ES CK-COMPONENTS-ES Datasheet
667Kb / 4P
   Sealed Tiny Slide Switches
19 Apr 22
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com