Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSB0M110 Datasheet(PDF) 12 Page - C&K Components

Part # KSB0M110
Description  Low-profile Tact Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSB0M110 Datasheet(HTML) 12 Page - C&K Components

Back Button KSB0M110 Datasheet HTML 8Page - C&K Components KSB0M110 Datasheet HTML 9Page - C&K Components KSB0M110 Datasheet HTML 10Page - C&K Components KSB0M110 Datasheet HTML 11Page - C&K Components KSB0M110 Datasheet HTML 12Page - C&K Components KSB0M110 Datasheet HTML 13Page - C&K Components KSB0M110 Datasheet HTML 14Page - C&K Components KSB0M110 Datasheet HTML 15Page - C&K Components KSB0M110 Datasheet HTML 16Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
B–64
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
KSJ Series
Spherical Actuator Tact Switches
Features/Benefits
Spherical actuator allows
actuation force off center ± 30˚
with regard to vertical
Total travel 1.2 mm
Sealed against flux
RoHS compliant and compatible
Typical Applications
Automotive
Cranes, off road, railway
Factory automation
Security systems
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed in the table above, please consult your local represenative.
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
DISTANCE BETWEEN BUTTON CENTERS (min.): 7.62 (0.300)
TERMINALS: PC pins
SEALING: IP60
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-40˚C to 85˚C
-55˚C to 125˚C
Packaging
Delivered in boxes of 500 pieces.
Ground Terminal
0 Without
1 With*
Insertion
M Thru-hole
V Vertical*
K
S
J
Contact Material
1 Silver contacts
3 Gold contacts
Operation Force
2 2 N (200 grams), 100,000 operations
4 3 N (300 grams), 100,000 operations
Sealing
1 Sealed IP 60
Mechanical
Process
Wave soldering, compatible with lead free soldering profile.
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
This data sheet does not provide enough information for applications which require a
certain level of quality or safety such as automotive, medical systems, safety equipment.
Please contact your sales representative to get contractual specification package.
* Please contact your C&K represenative for any question regarding the product
intergration.
Operating life
Operating life
Type
Actuation force
(operations)
(operations)
Travel to
N (grams)
axial
radial
make
KSJ0M21160SH
1,5 - 2,5
100,000
30,000
0,7 ± 0,25
KSJ0M41180SH
2,25 - 3,75
100,000
30,000
0,55 ± 0,25
KSJ0M21180SH
1,5 -2,5
100,000
30,000
0,35 ± 0,2
KSJ0M91180SH
3,1 -4,7
100,000
30,000
0,7 ± 0,25
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
50 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.):
≥ 300 Vrms
CONTACT RESISTANCE:
≤100mOhms
INSULATION RESISTANCE (100V): > 109 ohms
BOUNCE TIME: < 1 ms
H
S
Hardness
60SH 60 Shore Actuator
80SH 80 Shore Actuator
*Note: “1” ground terminal option not available with “V” version.
The bracket for the “V” version plays this role.
L
F
T
RoHS compliant and
compatible.
Tin plated.


Similar Part No. - KSB0M110

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSB0M110 CK-COMPONENTS-KSB0M110 Datasheet
91Kb / 4P
   Protected against flux
KSB0M110 CK-COMPONENTS-KSB0M110 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
logo
ITT Industries
KSB0M110LFT ITT-KSB0M110LFT Datasheet
184Kb / 2P
   Low-profile Tact Switch
More results

Similar Description - KSB0M110

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSE CK-COMPONENTS-KSE Datasheet
574Kb / 2P
   Low Profile Tact Switch
KSE CK-COMPONENTS-KSE_V01 Datasheet
545Kb / 3P
   Low Profile Tact Switch
logo
ITT Industries
KSB ITT-KSB Datasheet
184Kb / 2P
   Low-profile Tact Switch
logo
C&K Components
KSE CK-COMPONENTS-KSE_11 Datasheet
193Kb / 2P
   Low Profile Tact Switch
KSB CK-COMPONENTS-KSB_V01 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
logo
Suntan Capacitors
TSS-RP-0302 SUNTAN-TSS-RP-0302 Datasheet
151Kb / 1P
   TACT SWITCH
logo
List of Unclassifed Man...
IT-1102WA8-160G-G ETC-IT-1102WA8-160G-G Datasheet
1Mb / 7P
   Tact Switch
logo
Adam Technologies, Inc.
SW-A11365 ADAM-TECH-SW-A11365 Datasheet
71Kb / 1P
   TACT SWITCH
logo
Suntan Capacitors
TSS-RP-0102 SUNTAN-TSS-RP-0102 Datasheet
186Kb / 1P
   TACT SWITCH
TSS-RP-06XG SUNTAN-TSS-RP-06XG Datasheet
171Kb / 1P
   TACT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com