Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDS Datasheet(PDF) 1 Page - C&K Components

Part # KDS
Description  Intrusion Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KDS Datasheet(HTML) 1 Page - C&K Components

  KDS Datasheet HTML 1Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E
E–33
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
Third Angle
Projection
KDS Series
Intrusion Switches
Features/Benefits
Slot mount into chassis to
reduce installation cost
Wire harness length & connector
easily customized
Available in N.O. or N.C. configuration
RoHS compliant
Typical Applications
Intrusion/Alarm switch in
network desktop PC
Intrusion/Alarm switch in
telecommunication equipment
Intrusion/Alarm switch in
cellular base station
Specifications
CONTACT RATING: 0.4 VA max. @ 20 V AC or DC.
MECHANICAL & ELECTRICAL LIFE: 10,000 actuations min. at
full load.
CONTACT RESISTANCE: 200 m
Ω max. initial @ 2-4 V DC, 100mA.
INSULATION RESISTANCE: 109
Ω min.
OPERATING TEMPERATURE: –40ºC to +85ºC
TRAVEL: Pretravel: 0.050 max. Overtravel: 0.375 ±.025"
DIELECTRIC STRENGTH: 500 Vrms min. @ sea level.
PACKAGING: Bulk packaging.
Materials
HOUSING: Nylon 6/6 (UL 94V-0)
ACTUATOR: Nylon 6/6 (UL 94V-0)
MOVABLE CONTACT: Copper alloy, gold plate over nickel plate.
FIXED CONTACT: Brass, gold plate over nickel plate.
WIRE: UL 1061-24 AWG.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
How To Order
Complete part numbers for KDS Series Switches are shown below.
(15,24)
(8,89)
(10,16)
(7,62)
(9,65)
DIA.
(12,39)
.710
(18,03)
(304,8±12,7)
(4,60ø)
STRIPPED
ø DIA.
(3,68ø)
(11,43)
MAX.
PLUNGER
TRAVEL
(6,35)
(THICKNESS .040)
PANEL CUT-OUT
KDS33
ON
OFF
KDS33
OFF
MOM.
KDS11
SCHEMATIC
SWITCH FUNCTION
POS. 1
POS. 2
PART NUMBER
SPST N.O.
SPST N.C.


Similar Part No. - KDS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KDS ITT-KDS Datasheet
152Kb / 1P
   Intrusion Switches
logo
C&K Components
KDS CK-COMPONENTS-KDS Datasheet
209Kb / 2P
   Intrusion Switches
2022
logo
SYNERGY MICROWAVE CORPO...
KDS-20-225 SYNERGY-KDS-20-225 Datasheet
152Kb / 2P
   DIRECTIONAL COUPLER MODEL
logo
Figaro Engineering Inc.
KDS-25B FIGARO-KDS-25B Datasheet
292Kb / 2P
   Maxell Dissolved Oxygen Sensor
logo
List of Unclassifed Man...
KDS-29008 ETC1-KDS-29008 Datasheet
714Kb / 2P
   Speaker - Mylar Cone
More results

Similar Description - KDS

ManufacturerPart #DatasheetDescription
logo
C&K Components
KDS CK-COMPONENTS-KDS_V01 Datasheet
209Kb / 2P
   Intrusion Switches
2022
logo
ITT Industries
KDS ITT-KDS Datasheet
152Kb / 1P
   Intrusion Switches
logo
Zilog, Inc.
ZMOTIONS200ZCOG ZILOG-ZMOTIONS200ZCOG Datasheet
1Mb / 25P
   ZMOTION Intrusion Detection Development Board
logo
ams AG
AS8413 AMSCO-AS8413 Datasheet
125Kb / 15P
   HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
AS8412 AMSCO-AS8412 Datasheet
116Kb / 14P
   HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
logo
Axiomtek Co., Ltd.
NA-821 AXIOMTEK-NA-821 Datasheet
246Kb / 1P
   Smart fan and intrusion control
logo
Moxa Inc.
IEC-G102-BP MOXA-IEC-G102-BP Datasheet
1,001Kb / 4P
   2-port Gigabit industrial Intrusion Prevention System (IPS) device
logo
Honeywell Accelerometer...
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
logo
Elektron Components Ltd...
MP0025 BULGIN-MP0025 Datasheet
1Mb / 24P
   Switches
logo
Honeywell Accelerometer...
CSNX25 HONEYWELL-ACC-CSNX25 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com