Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JSM05000SAQN Datasheet(PDF) 2 Page - C&K Components

Part # JSM05000SAQN
Description  Sub-Miniature Slide Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

JSM05000SAQN Datasheet(HTML) 2 Page - C&K Components

  JSM05000SAQN Datasheet HTML 1Page - C&K Components JSM05000SAQN Datasheet HTML 2Page - C&K Components JSM05000SAQN Datasheet HTML 3Page - C&K Components JSM05000SAQN Datasheet HTML 4Page - C&K Components JSM05000SAQN Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
I–56
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
I
JSM Series
Sub-Miniature Slide Switches
JSM08022SAQNL
SPDT Surface Mount
Momentary only
JSM08011SAQNR
SPDT Surface Mount
Momentary only
RECOMMENDED PC BOARD LAY OUT
SCALE 5:1
SCHEMATIC (1P2T)
1
2
34
1
2
3
4
0.059
(1,5)
+0,02
-0,07
)
+0,05
FULL STROKE
OPERATING DIRECTION
45 X 0.008(0,2)
CHAMFER TYP
0.079(0,2) X 45
2X CHAMFER
0
0
0.236±0.002
(6,0±0,05)
0.118 ±0.004
(3,0±0,1)
0.059±0.004
(1,5±0,1)
0.118 ±0.004
(3,0±0,1)
0.496±0.004
(12.6±0,1)
0.417 ±0.004
(10,6±0,1)
0.236 ±0.004
(6,0±0,1)
0.075±0.004
(1,9±0,1)
0.161±0.004
(4,1±0,1)
0.051±0.004
(1,3±0,1)
0.098 ±0.004
(2,5±0,1)
0.433
(11,0)
0.118
(3,0)
0.118
(3,0)
0.035
(0,9)
0.138
(3,5)
0.098
(2,5)
0.075
(1,9)
0.106
(2,7)
0.0510 +0.0008
-0.0030
(1,3
2X Ø0.037 +0.002
-0
-0
(0,95
0.040±0.004
(1,0±0,1)
0.043±0.004
(1,1±0,1)
0.472
(12,0)
4X 0.020
(0,5)
0.016±0.002
(0,4±0,05)
0.118
(3,0)
4X 0.020
(0,5)
0.020
(0,5)
0.006
(0,15)
0.045
(1,15)
0.033
(0,85)
0.079±0.004
(2,0±0,1)
PCB MOUNTING SURFACE
+0
0.031 +0
-0.004
-0,1
(0,8
)
)
1
2
3
4
COM
2
1
2
1
3
+0,5
)
SCHEMATIC (1P2T)
RECOMMENDED PC BOARD LAY OUT
PC BOARD MOUNTING SURFACE
+0,1
)
0.079(0,2) X 45
2X CHAMFER
0
0.276
(7,0)
0.026±0.004
(0,65±0,1)
2X R 0.008
(0,2)
0.059
(1,5)
0.118
(3,0)
0.079
(2,0)
0.079
(2,0)
3X 0.020±0.004
(0,5±0,1)
2X 0.079±0.004
(2,0±0,1)
0.059
(1,5)
0.024
(0,6)
0.043
(1,1)
0.012±0.004
(0,3±0,1)
0.024±0.004
(0,6±0,1)
0.010
(0,25)
0.010±0.004
(0,25±0,1)
0.083
(2,1)
0.098±0.004
(2,5±0,1)
0.200±0.004
(5,0±0,1)
0.079±0.004
(2,0±0,1)
0.079±0.004
(2,0±0,1)
0.040±0.004
(1,0±0,1)
0.346
+0.020
-0.004
-0,1
(8,8
0.248±0.004
(6,3±0,1)
2X Ø0.031 +0.004
-0
-0
(0,8
0.079
(2,0)
A
A
0.069
(1,75)
0.453
(11,5)
0.472
(12,0)
Ø0.059 MIN
(1,5) TYP
0.157
(4,0)
0.079
(2,0)
Ø0.059 TYP
(1,5)
0.945±.012
(24,0±0,3)
PACKAGING QUANTITY:
1,800 PCS/REEL
CARRIER TAPE
COVER TAPE
0.120
(3,0)
0.012
(0,3)
0.846
(21,5)
REEL
1.197 MAX
(30,4)
+0.079
-0
+2,0
-0
0.960
(24,4
)
Ø0.827±0.031
(21,0±0,8)
Ø0.512±0.020
(13,0±0,5)
Ø12.99
(330,0)
Ø0.079±0.020
(2,0±0,5)
CARRIER TAPE
PACKAGING QUANTITY:
1,800 PCS/REEL
0.472
(12,0)
A
0.295
(7,5)
A
0.630±0.012
(16,0±0,3)
0.069
(1,75)
+0.004
-0
+0,1
-0
0.059
(1,5
)
0.157
(4,0)
0.079
(2,0)
0.138 REF
(3,5)
0.012
(0,3)
0.374
(9,5)
0.283
(7,2)
0.079
(2,0)
SECTION A-A
REEL
0.512
(13,0)
+0.079
-0
+2,0
-0
0.646
(16,4
)
0.882 MAX
(22,4)
Ø0.512±0.020
(13,0±0,5)
Ø0.827±0.031
(21,0±0,8)
0.079±0.020
(2,0±0,5)
Ø12.99
(330,0)
COVER TAPE
Shown in position 1
Shown in position 2


Similar Part No. - JSM05000SAQN

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JSM NAIS-JSM Datasheet
68Kb / 4P
   Automotive Ultra-Miniature Power Relay
logo
C&K Components
JSM CK-COMPONENTS-JSM Datasheet
277Kb / 2P
   Sub-Miniature Slide Switches
20 Jul 21
logo
Nais(Matsushita Electri...
JSM1-12V-4 NAIS-JSM1-12V-4 Datasheet
68Kb / 4P
   Automotive Ultra-Miniature Power Relay
JSM1-12V-5 NAIS-JSM1-12V-5 Datasheet
68Kb / 4P
   Automotive Ultra-Miniature Power Relay
JSM1-9V-4 NAIS-JSM1-9V-4 Datasheet
68Kb / 4P
   Automotive Ultra-Miniature Power Relay
More results

Similar Description - JSM05000SAQN

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
   Sub-miniature Slide Switches
logo
C&K Components
JS CK-COMPONENTS-JS Datasheet
1Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
   Sub-Miniature Slide Switches
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
   SUB-MINIATURE SLIDE SWITCHES
logo
Grayhill, Inc
48BFSP1M6RT GRAYHILL-48BFSP1M6RT Datasheet
91Kb / 1P
   Sub-Miniature Slide Switches
logo
C&K Components
JSM CK-COMPONENTS-JSM_V01 Datasheet
277Kb / 2P
   Sub-Miniature Slide Switches
20 Jul 21
JS-SERIES CK-COMPONENTS-JS-SERIES Datasheet
2Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
JS202011AQN CK-COMPONENTS-JS202011AQN Datasheet
302Kb / 6P
   Sub-Miniature Slide Switches
logo
E-SWITCH
500A E-SWITCH-500A_1 Datasheet
210Kb / 2P
   SLIDE SWITCHES - SUB-MINIATURE
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com