Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM21J1S205DQ Datasheet(PDF) 4 Page - C&K Components

Part # DM21J1S205DQ
Description  Miniature 2 Pole Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

DM21J1S205DQ Datasheet(HTML) 4 Page - C&K Components

  DM21J1S205DQ Datasheet HTML 1Page - C&K Components DM21J1S205DQ Datasheet HTML 2Page - C&K Components DM21J1S205DQ Datasheet HTML 3Page - C&K Components DM21J1S205DQ Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DM Series
Miniature 2 Pole Power Rocker Switches
AVAILABLE HARDWARE
Insert
PART NO.
057190200
Material: Nylon 6/6
Finish: Matte
Recessed Actuator Guard
PART NO.
599D02000
Material: 6/6 Nylon
Finish: Matte
Actuator Guard
PART NO.
104C22000
Material: PBT thermoplastic
Finish: Matte
PART NO.
216C00000 IP65 SPLASH PROOF RUBBER BOOT
.551
(14,0)
.748
(19,0)
.787
(20,0)
.957
(24,3)
.142
(3,6)
.295
(7,5)
G
G–73
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com


Similar Part No. - DM21J1S205DQ

ManufacturerPart #DatasheetDescription
logo
C&K Components
DM21J11B205DO CK-COMPONENTS-DM21J11B205DO Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
ITT Industries
DM21J11B205DQ ITT-DM21J11B205DQ Datasheet
349Kb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
C&K Components
DM21J11B205HO CK-COMPONENTS-DM21J11B205HO Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
ITT Industries
DM21J11B205HQ ITT-DM21J11B205HQ Datasheet
349Kb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
C&K Components
DM21J11B205O CK-COMPONENTS-DM21J11B205O Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
More results

Similar Description - DM21J1S205DQ

ManufacturerPart #DatasheetDescription
logo
C&K Components
DM62J12S205PQ CK-COMPONENTS-DM62J12S205PQ Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
ITT Industries
DM21J12S205Q ITT-DM21J12S205Q Datasheet
349Kb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
C&K Components
DM CK-COMPONENTS-DM Datasheet
851Kb / 8P
   Miniature 2 Pole Power Rocker Switches
15 May 20
DM61J12S205Q CK-COMPONENTS-DM61J12S205Q Datasheet
253Kb / 4P
   DM Series Miniature 2 Pole Power Rocker Switches
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
   Miniature Single Pole Rocker Switches
logo
ITT Industries
DT12J12S215QA ITT-DT12J12S215QA Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
logo
C&K Components
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
logo
ITT Industries
DA101J12S215QF ITT-DA101J12S215QF Datasheet
193Kb / 5P
   Miniature Single Pole Rocker Switches
logo
List of Unclassifed Man...
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
   Miniature Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com