Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C115373-0053C Datasheet(PDF) 3 Page - C&K Components

Part # C115373-0053C
Description  MDMA - Connectors, Electrical, Rectangular, Microminiature
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

C115373-0053C Datasheet(HTML) 3 Page - C&K Components

  C115373-0053C Datasheet HTML 1Page - C&K Components C115373-0053C Datasheet HTML 2Page - C&K Components C115373-0053C Datasheet HTML 3Page - C&K Components C115373-0053C Datasheet HTML 4Page - C&K Components C115373-0053C Datasheet HTML 5Page - C&K Components C115373-0053C Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MDMA - Connectors, Electrical, Rectangular, Microminiature with
Removable crimp contacts compliant with ESA/ESCC specifications
3401/077 for Connectors and 3401/078 for Contacts
Dimensions shown in : mm (inch)
Specifications and dimensions subject to change
www.ck-components.com
3
Connectors Description and C&K Part-Numbers :
MDMA Plug or Receptacle with Nickel Finish on Shell (A174)
MDMA Plug or Receptacle with Gold Finish on Shell (FR172)
MDMA without contact (FO)
Description
Size
standard
Floating (Y)
captive nut (E)
340107702B
9P
C115373-2050C C115373-2062C C115373-2074C
340107702B
9S
C115373-2051C C115373-2063C C115373-2075C
340107702B
15P
C115373-2052C C115373-2064C C115373-2076C
340107702B
15S
C115373-2053C C115373-2065C C115373-2077C
340107702B
21P
C115373-2054C C115373-2066C C115373-2078C
340107702B
21S
C115373-2055C C115373-2067C C115373-2079C
340107702B
25P
C115373-2056C C115373-2068C C115373-2080C
340107702B
25S
C115373-2057C C115373-2069C C115373-2081C
340107702B
31P
C115373-2058C C115373-2070C C115373-2082C
340107702B
31S
C115373-2059C C115373-2071C C115373-2083C
340107702B
37P
C115373-2060C C115373-2072C C115373-2084C
340107702B
37S
C115373-2061C C115373-2073C C115373-2085C
Materials and finishes :
Shells
Aluminium alloy
Finish A174 : 25,4 µm min. (1000 µin min.) electroless Nickel over Copper underlay
Finish FR172 : 2,54 µm min. (100 µin min.) Gold over 25,4 µm min. (1000 µin min.) electroless Nickel
Insulators
LCP (Liquid Crystal Polymer) thermoplastic material, UL 94-V0, glass-filled, black color
Female contacts
Copper alloy / Finish : 1,27 µm (50 µin) min. Gold over Copper underlay
Male contacts
Copper alloy / Finish : 1,27 µm (50 µin) min. Gold over Copper underlay
Interfacial Seals
Fluorosilicone elastomere, pink color
Accessories (Y or E)
Stainless Steel type 303, passivated
Dust Caps
Polyethylene thermoplastic material, transparent pink color
MDMA without contact (FO)
Description
Size
standard
Floating (Y)
captive nut (E)
340107701B
9S
C115373-2001C C115373-2013C C115373-2025C
340107701B
15P
C115373-2002C C115373-2014C C115373-2026C
340107701B
15S
C115373-2003C C115373-2015C C115373-2027C
340107701B
21P
C115373-2004C C115373-2016C C115373-2028C
340107701B
21S
C115373-2005C C115373-2017C C115373-2029C
340107701B
25P
C115373-2006C C115373-2018C C115373-2030C
340107701B
25S
C115373-2007C C115373-2019C C115373-2031C
340107701B
31P
C115373-2008C C115373-2020C C115373-2032C
340107701B
31S
C115373-2009C C115373-2021C C115373-2033C
340107701B
37P
C115373-2010C C115373-2022C C115373-2034C
340107701B
37S
C115373-2011C C115373-2023C C115373-2035C


Similar Part No. - C115373-0053C

ManufacturerPart #DatasheetDescription
logo
C&K Components
C115371-4950 CK-COMPONENTS-C115371-4950 Datasheet
1Mb / 12P
   D*BM Series compliant
C115371-4951 CK-COMPONENTS-C115371-4951 Datasheet
1Mb / 12P
   D*BM Series compliant
C115371-4952 CK-COMPONENTS-C115371-4952 Datasheet
1Mb / 12P
   D*BM Series compliant
C115371-4953 CK-COMPONENTS-C115371-4953 Datasheet
1Mb / 12P
   D*BM Series compliant
C115371-4954 CK-COMPONENTS-C115371-4954 Datasheet
1Mb / 12P
   D*BM Series compliant
More results

Similar Description - C115373-0053C

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDMH-51SS ITT-MDMH-51SS Datasheet
101Kb / 2P
   Microminiature Connectors
TMDM-C115SH001B ITT-TMDM-C115SH001B Datasheet
67Kb / 3P
   Microminiature Connectors
logo
Molex Electronics Ltd.
73415-0971 MOLEX2-73415-0971 Datasheet
493Kb / 4P
   MMCX Microminiature Connectors
logo
Vishay Siliconix
MIL-C-28748 VISHAY-MIL-C-28748 Datasheet
101Kb / 5P
   Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified Microminiature Rectangular
01-Jan-2022
MILC28748 VISHAY-MILC28748 Datasheet
102Kb / 5P
   Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified Microminiature Rectangular
01-Jan-2022
logo
Hirose Electric
HR25 HIROSE-HR25 Datasheet
948Kb / 8P
   High Performance, Microminiature Circular Connectors
logo
Fujitsu Component Limit...
FCN-360A1 FUJITSU-FCN-360A1 Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
C&K Components
3401-029 CK-COMPONENTS-3401-029 Datasheet
400Kb / 20P
   3401-029 Microminiature MDM Connectors
logo
Mitsumi Electronics, Co...
IAM-D82 MITSUMI-IAM-D82 Datasheet
97Kb / 4P
   Rectangular Connectors
logo
Fujitsu Component Limit...
FCN-361J024-AU FUJITSU-FCN-361J024-AU Datasheet
1Mb / 33P
   RECTANGULAR CONNECTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com