Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TT8U2 Datasheet(PDF) 3 Page - Rohm

Part # TT8U2
Description  1.5V Drive Pch SBD MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TT8U2 Datasheet(HTML) 3 Page - Rohm

  TT8U2 Datasheet HTML 1Page - Rohm TT8U2 Datasheet HTML 2Page - Rohm TT8U2 Datasheet HTML 3Page - Rohm TT8U2 Datasheet HTML 4Page - Rohm TT8U2 Datasheet HTML 5Page - Rohm TT8U2 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
TT8U2
 
Electrical characteristic curves (Ta=25
C)
<MOSFET>
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
V
GS= -1.5V
V
GS= -4.5V
V
GS= -2.5V
V
GS= -1.8V
Ta=25
°C
Pulsed
Fig.1 Typical output characteristics(Ⅰ)
DRAIN-SOURCE VOLTAGE : -V
DS[V]
0
2
4
6
8
10
0
2
4
6
8
10
V
GS= -4.5V
V
GS= -2.5V
V
GS= -1.8V
V
GS= -1.5V
Ta=25
°C
Pulsed
Fig.2 Typical output characteristics(Ⅱ)
DRAIN-SOURCE VOLTAGE : -V
DS[V]
0.001
0.01
0.1
1
10
0
0.5
1
1.5
2
V
DS= -10V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.3 Typical Transfer Characteristics
GATE-SOURCE VOLTAGE : -V
GS[V]
10
100
1000
0.1
1
10
V
GS= -1.5V
V
GS= -1.8V
V
GS= -2.5V
V
GS= -4.5V
Ta=25
°C
Pulsed
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅰ)
DRAIN-CURRENT : -I
D[A]
10
100
1000
0.1
1
10
V
GS= -4.5V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅱ)
DRAIN-CURRENT : -I
D[A]
10
100
1000
0.1
1
10
V
GS= -2.5V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅲ)
DRAIN-CURRENT : -I
D[A]
10
100
1000
0.1
1
10
V
GS= -1.8V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅳ)
DRAIN-CURRENT : -I
D[A]
10
100
1000
0.1
1
10
V
GS= -1.5V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.8 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅴ)
DRAIN-CURRENT : -I
D[A]
0.1
1
10
0.1
1
10
V
DS= -10V
Pulsed
Ta=
-25°C
Ta=25
°C
Ta=75
°C
Ta=125
°C
Fig.9 Forward Transfer Admittance
vs. Drain Current
DRAIN-CURRENT : -I
D[A]
3/5
2011.04 - Rev.A


Similar Part No. - TT8U2

ManufacturerPart #DatasheetDescription
logo
Rohm
TT8U2 ROHM-TT8U2 Datasheet
481Kb / 6P
   1.5V Drive Pch SBD MOSFET
TT8U2 ROHM-TT8U2_12 Datasheet
481Kb / 6P
   1.5V Drive Pch SBD MOSFET
More results

Similar Description - TT8U2

ManufacturerPart #DatasheetDescription
logo
Rohm
TT8U1 ROHM-TT8U1_09 Datasheet
236Kb / 6P
   1.5V Drive Pch SBD MOSFET
ES6U1 ROHM-ES6U1 Datasheet
238Kb / 6P
   1.5V Drive PchSBD MOSFET
TT8U2 ROHM-TT8U2_12 Datasheet
481Kb / 6P
   1.5V Drive Pch SBD MOSFET
TT8J11 ROHM-TT8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J1 ROHM-TT8J1_09 Datasheet
230Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J12 ROHM-QS8J12 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J13 ROHM-TT8J13 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
   1.5V Drive PchPch MOSFET
QS8J1 ROHM-QS8J1 Datasheet
190Kb / 6P
   1.5V Drive PchPch MOSFET
US6J11 ROHM-US6J11_09 Datasheet
239Kb / 5P
   1.5V Drive PchPch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com