Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIL24-1A31-71D Datasheet(PDF) 1 Page - Meder Electronic

Part # SIL24-1A31-71D
Description  SIL Reed Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

SIL24-1A31-71D Datasheet(HTML) 1 Page - Meder Electronic

  SIL24-1A31-71D Datasheet HTML 1Page - Meder Electronic SIL24-1A31-71D Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIL24-1A31-71D
Item:
| Email: salesasia@meder.com
3324131171
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Coil Data at 20 °C
Conditions
Min
Typ
Max
Unit
Coil resistance
Coil voltage
Rated power
Coil current
= operating temperature + self heating
Thermal resistance
Inductance
Pull-In voltage
!
Drop-Out voltage
Contact data 31
Conditions
Min
Typ
Max
Unit
"#$%&"&$"$'(
up to 500V max. 50W, with 1000V max. 5W
Contact rating
DC or Peak AC
Switching voltage
DC or Peak AC
Switching current
DC or Peak AC
Carry current
)*+,&-$.+&.
Start Value
Contact resistance static
/
RH <45 %, 100 V test voltage
Insulation resistance
according to IEC 255-5
Breakdown voltage
*
measured with 40% overdrive
Operate time incl. bounce
*
measured with no coil excitation
Release Time
0
!
@ 10 kHz across open switch
Capacity
Special Product Data
Conditions
Min
Typ
Max
Unit
1
Number of contacts
A - NO
Contact - form
1
according to IEC 255-5
Dielectric Strength Coil/Contact
/
RH <45%, 100 VDC test voltage
Insulation resistance Coil/Contact
0
!
@ 10 kHz
Capacity Coil/Contact
black
Case colour
epoxy resin
Housing material
CuFe2P, tin plated
Connection pins
no
Magnetic Shield
UL-File No. NRNT2.E156887
Approval
UL-File No. NRNT8.E156887
Approval
no
Reach / RoHS conformity
Modifications in the sense of technical progress are reserved
26.08.08
THAUKE
KSTOPPEL
4
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
08.04.10
CRUF
JHEYDER
Approval by:
Approval by:
27.08.08
Approval at:
Approval at:
31.01.11


Similar Part No. - SIL24-1A31-71D

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
SIL24-1A31-71DHR MEDER-SIL24-1A31-71DHR Datasheet
511Kb / 4P
   Single-In-Line
SIL24-1A31-71D_DE MEDER-SIL24-1A31-71D_DE Datasheet
102Kb / 2P
   (deutsch) SIL Reed Relay
More results

Similar Description - SIL24-1A31-71D

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
SIL12-1B90-71L MEDER-SIL12-1B90-71L Datasheet
74Kb / 1P
   SIL Reed Relay
SIL15-1A72-71Q MEDER-SIL15-1A72-71Q Datasheet
128Kb / 2P
   SIL Reed Relay
SIL05-1C90-51Q MEDER-SIL05-1C90-51Q Datasheet
74Kb / 1P
   SIL Reed Relay
SIL12-1A84-71D MEDER-SIL12-1A84-71D_09 Datasheet
84Kb / 2P
   SIL Reed Relay
SIL05-1A72-71M MEDER-SIL05-1A72-71M Datasheet
116Kb / 2P
   SIL Reed Relay
SIL05-1A72-71Q MEDER-SIL05-1A72-71Q Datasheet
129Kb / 2P
   SIL Reed Relay
SIL05-1B90-71D MEDER-SIL05-1B90-71D Datasheet
69Kb / 1P
   SIL Reed Relay
SIL05-1C90-51D MEDER-SIL05-1C90-51D Datasheet
74Kb / 1P
   SIL Reed Relay
SIL24-1A75-73L MEDER-SIL24-1A75-73L Datasheet
119Kb / 2P
   SIL Reed Relay
SIL12-1A72-71QHR MEDER-SIL12-1A72-71QHR Datasheet
132Kb / 2P
   SIL Reed Relay
SIL12-1A72-73L MEDER-SIL12-1A72-73L Datasheet
74Kb / 1P
   SIL Reed Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com