Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCFGP1E105M8R Datasheet(PDF) 2 Page - Rohm

Part # TCFGP1E105M8R
Description  Chip tantalum capacitors (Fail-safe open structure type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGP1E105M8R Datasheet(HTML) 2 Page - Rohm

  TCFGP1E105M8R Datasheet HTML 1Page - Rohm TCFGP1E105M8R Datasheet HTML 2Page - Rohm TCFGP1E105M8R Datasheet HTML 3Page - Rohm TCFGP1E105M8R Datasheet HTML 4Page - Rohm TCFGP1E105M8R Datasheet HTML 5Page - Rohm TCFGP1E105M8R Datasheet HTML 6Page - Rohm TCFGP1E105M8R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/6
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.01 - Rev.F
Data Sheet
TCFG Series P Case
Capacitance range
TCFG series P Case
(
μF)
4
0G
1.0 (105)
1.5 (155)
2.2 (225)
3.3 (335)
4.7 (475)
6.8 (685)
10 (106)
15 (156)
22 (226)
33 (336)
47 (476)
68 (686)
6.3
0J
10
1A
16
1C
20
1D
25
1E
P
P
P
P
P
P
P
P
P
P
P
P
P
P
PP
P
P
P
P
P
P
P
P
P
Remark) Case size codes (P) in the above show each size products line-up.
P
P
Rated voltage
Marking
Voltage Code Rated DC Voltage (V)
g
j
A
C
D
E
4
6.3
10
16
20
25
Capacitance Code Nominal Capacitance (
F)
A
E
J
N
S
W
a
e
j
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
j
(1)
J
(2)
A
j
A
J
− −
The indications listed below should be given on the surface of a capacitor.
Polarity : The polarity should be shown by
bar. (on the anode side)
Rated DC voltage : Due to the small size of P case, a voltage code is used as shown below.
Nominal capacitance
Visual typical example
(1) voltage code (2) capacitance code
note 2) voltage code and capacitance code are variable with parts number
[P Case]
note 1)


Similar Part No. - TCFGP1E105M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGP1E105M8R ROHM-TCFGP1E105M8R Datasheet
138Kb / 14P
   Chip tantalum capacitors with open-function built-in
TCFGP1E105M8R ROHM-TCFGP1E105M8R Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGP1E105M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_12 Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com