Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCFGD1E227MCR Datasheet(PDF) 2 Page - Rohm

Part # TCFGD1E227MCR
Description  Chip tantalum capacitors with (Fail-safe open structure type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGD1E227MCR Datasheet(HTML) 2 Page - Rohm

  TCFGD1E227MCR Datasheet HTML 1Page - Rohm TCFGD1E227MCR Datasheet HTML 2Page - Rohm TCFGD1E227MCR Datasheet HTML 3Page - Rohm TCFGD1E227MCR Datasheet HTML 4Page - Rohm TCFGD1E227MCR Datasheet HTML 5Page - Rohm TCFGD1E227MCR Datasheet HTML 6Page - Rohm TCFGD1E227MCR Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/6
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.01 - Rev.G
Data Sheet
TCFG Series D Case
Capacitance range
TCFG series D Case
(
μF)
4
0G
47 (476)
68 (686)
100 (107)
150 (157)
220 (127)
330 (337)
6.3
0J
10
1A
16
1C
20
1D
25
1E
D
D
D
D
D
D
Rated voltage (V)
Remark) Case size codes (D) in the above shown each size products line-up.
∗ : Under development
Marking
220
220
6.3V
6.3V
[D Case]
The indication listed below should be given on the surface of a capacitor.
Polarity
Rated DC voltage
Nominal capacitance
: The polarity should be shown by
bar. (on the anode side)
Visual typical example (1) capacitance code (2) voltage code
note 1)
note 2) voltage code and capacitance code are variable with parts number
(1) 220
μF
(2) 6.3V


Similar Part No. - TCFGD1E227MCR

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGD1E107MCR ROHM-TCFGD1E107MCR Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFGD1E127MCR ROHM-TCFGD1E127MCR Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFGD1E157MCR ROHM-TCFGD1E157MCR Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFGD1E337MCR ROHM-TCFGD1E337MCR Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFGD1E476MCR ROHM-TCFGD1E476MCR Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results

Similar Description - TCFGD1E227MCR

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com