Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCFGD1A227MCR Datasheet(PDF) 5 Page - Rohm

Part # TCFGD1A227MCR
Description  Chip tantalum capacitors with (Fail-safe open structure type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGD1A227MCR Datasheet(HTML) 5 Page - Rohm

  TCFGD1A227MCR Datasheet HTML 1Page - Rohm TCFGD1A227MCR Datasheet HTML 2Page - Rohm TCFGD1A227MCR Datasheet HTML 3Page - Rohm TCFGD1A227MCR Datasheet HTML 4Page - Rohm TCFGD1A227MCR Datasheet HTML 5Page - Rohm TCFGD1A227MCR Datasheet HTML 6Page - Rohm TCFGD1A227MCR Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/6
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.01 - Rev.G
Data Sheet
TCFG Series D Case
Dimensions
Be based on "External dimensions"
Measure using a caliper of JIS B 7505
Class 2 or higher grade.
Resistance to solvents
The indication should be clear.
Dip in the isopropyl alcohol for 30
±5s,
at room temperature.
Solderability
3/4 or more surface area of the solder coated
terminal dipped in the soldering bath should be
covered with the new solder.
Dip speed = 25
±2.5mm/s
Pre-treatment (accelerated aging) : Leave the
sample on the boiling distilled water for 1h.
Solder temp. : 245
±5°C
Duration : 3
±0.5s
Solder : M705
Flux : Rosin 25%, IPA 75%
Capacitance
Vibration
Appearance
Measure value should not fluctuate during the
measurement.
There should be no significant abnormality.
Frequency : 10 to 55 to 10Hz/min.
Amplitude : 1.5mm
Time : 2h each in X and Y directions
Mounting : The terminal is soldered on a print
circuit board.
As per 4.32 JIS C 5101-1
As per 4.18 JIS C 5101-3
As per 4.15.2 JIS C 5101-1
As per 4.17 JIS C 5101-1
As per 4.7 JIS C 5101-3
Item
Performance
Test conditions
(based on JIS C5101-1 and JIS C5101-3)
Table 1 standard list, TCFG series D Case
150
15.0
10
6.3
13
100
16
14
6.3
4
8
220
13.8
30
TCFG D 0J 227 M8R
TCFG D 1A 157 M8R
TCFG D 1C 107 M8R
D
D
D
0.70
0.70
0.70
16
10
20
14
(D : 7343)
±20
±20
±20
10
12
10
12
16
12
47
11.8
TCFG D 1E 476 M8R
D
0.70
25
16
32
14
±20
10
12
Part No.
Rated
Voltage
@85
°C
(V)
Derated
Voltage
@125
°C
(V)
Surge
Voltage
@85
°C
(V)
Capacitance
120Hz
(
F)
Impedance
100kHz
Tolerance
(%)
Leakage
current
25
C
1WV.60s
(mA)
DF120Hz
(%)
Case
code
−55
°C 25°C
85
˚C
125
°C
(
Ω)


Similar Part No. - TCFGD1A227MCR

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGD1A107MCR ROHM-TCFGD1A107MCR Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFGD1A127MCR ROHM-TCFGD1A127MCR Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFGD1A157MCR ROHM-TCFGD1A157MCR Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFGD1A157MCR ROHM-TCFGD1A157MCR Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFGD1A337MCR ROHM-TCFGD1A337MCR Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results

Similar Description - TCFGD1A227MCR

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com