Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540245U-25 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LH540245U-25
Description  2048 x 18 / 4096 x 18 Synchronous FIFOs
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540245U-25 Datasheet(HTML) 4 Page - Sharp Corporation

  LH540245U-25 Datasheet HTML 1Page - Sharp Corporation LH540245U-25 Datasheet HTML 2Page - Sharp Corporation LH540245U-25 Datasheet HTML 3Page - Sharp Corporation LH540245U-25 Datasheet HTML 4Page - Sharp Corporation LH540245U-25 Datasheet HTML 5Page - Sharp Corporation LH540245U-25 Datasheet HTML 6Page - Sharp Corporation LH540245U-25 Datasheet HTML 7Page - Sharp Corporation LH540245U-25 Datasheet HTML 8Page - Sharp Corporation LH540245U-25 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
TOP VIEW
540235-34
58 57 56 55 54 53 52 51 50 49
64 63 62 61 60 59
7
8
9
10
11
14
15
12
13
6
2
3
4
5
1
16
D2
D0
D13
D15
D11
D12
D9
D10
D8
D7
D5
D6
D3
D4
D1
NOTE:
BOLD ITALIC = Enhanced operating mode.
D14
43
42
41
40
39
36
35
38
37
44
48
47
46
45
34
Q14
Q11
Q12
Q10
Q9
Q7
Q8
Q5
Q6
Q4
Q13
33
23 24 25 26 27 28 29 30 31 32
17 18 19 20 21 22
64-PIN TQFP
VCC
VSS
VSS
VSS
EMODE
Figure 3.
Pin Connections for Thin Quad Flat Package
SUMMARY OF SIGNALS/PINS
PIN
NAME
D0 – D17
Data Inputs
RS
Reset
EMODE
Enhanced Operating Mode
WCLK
Write Clock
WEN
Write Enable
RCLK
Read Clock
REN
Read Enable
OE
Output Enable
LD
Load
FL
/RT
First Load/
Retransmit
RXI
/REN2
Read Expansion Input/
Read Enable 2
PIN
NAME
WXI
/WEN2
Write Expansion Input/
Write Enable 2
FF
Full Flag
PAF
Programmable Almost-Full Flag
WXO/HF
Write Expansion Output/Half-Full Flag
PAE
Programmable Almost-Empty Flag
EF
Empty Flag
RXO/
EF2
Read Expansion Output
/Empty Flag 2
Q0 – Q17
Data Outputs
VCC
Power
VSS
Ground
BOLD ITALIC = Enhanced Operating Mode
LH540235/45
2048 x 18/4096 x 18 Synchronous FIFOs
4


Similar Part No. - LH540245U-25

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540245U-25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C455 CYPRESS-CY7C455 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
AverLogic Technologies ...
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com