Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTA56 Datasheet(PDF) 2 Page - Rohm

Part # SSTA56
Description  PNP general purpose transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SSTA56 Datasheet(HTML) 2 Page - Rohm

  SSTA56_08 Datasheet HTML 1Page - Rohm SSTA56_08 Datasheet HTML 2Page - Rohm SSTA56_08 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SSTA56 / MMSTA56
Transistors
Rev.A
2/2
Electrical characteristic curves
0
400
300
200
100
500
2.0
0
0.4
0.8
1.2
1.6
IB=0mA
0.5mA
1.0mA
1.5mA
2.0mA
2.5mA
3.0mA
3.5mA
4.0mA
4.5mA
5.0mA
Ta=25
°C
VCE-COLLECTOR-EMITTER VOLTAGE (
V)
Fig.1 Grounded emitter output
characteristics
1
2
5
10
20
50 100 200 5001000
100
1000
10
IC-COLLECTOR CURRENT (
mA)
Ta=25
°C
VCC=5V
3V
1V
Fig.2 DC current gain vs. collector
current (
Ι )
1
10
100
1000
100
1000
10
IC-COLLECTOR CURRENT (
mA)
Ta=125
°C
25
°C
−40°C
VCE=3V
Fig.3 DC current gain vs. collector
current (
ΙΙ )
1
10
100
1000
0.2
0.3
0.1
0
IC-COLLECTOR CURRENT (
mA)
IC / IB=10
Ta=125
°C
25
°C
−40°C
Fig.4 Collector emitter saturation
voltage vs. collector current
1
10
100
1000
0.8
1.2
1.8
1.6
0.4
0.6
1.0
1.4
0.2
0
IC-COLLECTOR CURRENT (
mA)
Ta=25
°C
IC
/ IB=10
Fig.5 Base-emitter saturation
voltage vs. collector current
1
10
100
1000
0.8
1.2
1.8
1.6
0.4
0.6
1.0
1.4
0.2
0
IC-COLLECTOR CURRENT (
mA)
VCE=3V
Ta=
−40
°C
125
°C
25
°C
Fig.6 Grounded emitter propagation
characteristics
0.5
1
10
50
10
500
100
5
REVERSE BIAS VOLTAGE (
V)
Ta=25
°C
f=1MHz
Cib
Cob
Fig.7 Input/output capecitance
vs. voltage
1
10
100
1000
100
1000
10
IC-COLLECTOR CURRENT (
mA)
Ta=25
°C
VCE=10V
Fig.8 Gain bandwidth product
vs. collector current


Similar Part No. - SSTA56_08

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA56HZG ROHM-SSTA56HZG Datasheet
1Mb / 9P
   PNP General Purpose Transistor
More results

Similar Description - SSTA56_08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com