Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540235 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LH540235
Description  2048 x 18 / 4096 x 18 Synchronous FIFOs
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540235 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LH540235 Datasheet HTML 2Page - Sharp Corporation LH540235 Datasheet HTML 3Page - Sharp Corporation LH540235 Datasheet HTML 4Page - Sharp Corporation LH540235 Datasheet HTML 5Page - Sharp Corporation LH540235 Datasheet HTML 6Page - Sharp Corporation LH540235 Datasheet HTML 7Page - Sharp Corporation LH540235 Datasheet HTML 8Page - Sharp Corporation LH540235 Datasheet HTML 9Page - Sharp Corporation LH540235 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
PIN DESCRIPTIONS
PIN
NAME
PIN
TYPE
1
DESCRIPTION
D0 – D17
Data Inputs
I
Data inputs from an 18-bit bus.
RS
Reset
I
When RS is taken LOW, the FIFO’s internal read and write pointers are set to
address the first physical location of the RAM array; FF, PAF, and HF go HIGH;
and PAE and EF go LOW. The programmable-flag-offset registers
and the
Control Register are set to their default values. (But see the description of
EMODE, below.) A reset operation is required before an initial read or write
operation after power-up.
EMODE
Enhanced
Operating
Mode
I
When EMODE is tied LOW, the default setting for Control Register bits 00-
05 after a reset operation changes to HIGH rather than LOW, thus enabling
all Control-Register-controllable Enhanced Operating Mode features, and
allowing access to the Control Register for reprogramming or readback
(see Tables 1, 2, and 5). If this behavior is desired, EMODE may be
grounded; however, Control Register bits 00-06 still may be individually
programmed to selectively enable or disable certain of the Enhanced Mode
features, even though those features associated with interlocked-paralleled
operation always are enabled whenever EMODE is being asserted (see
Table 2). Alternatively, EMODE may be tied to VCC, so that the FIFO is
functionally IDT-compatible, and the Control Register is not accessible or
visible, and all of its bits remain LOW. Controlling EMODE dynamically
during system operation is not recommended.
WCLK
Write Clock
I
Data is written into the FIFO on a LOW-to-HIGH transition of WCLK, whenever
WEN (Write Enable) is being asserted (LOW), and LD is HIGH. If LD is LOW, a
programmable register rather than the internal FIFO memory is written into.
In
the Enhanced Operating Mode, whenever Control Register bit 06 is HIGH,
WEN2 is ANDed with WEN to produce an effective internal write-enable
signal.
2
WEN
Write Enable
I
When WEN is LOW and LD is HIGH, an 18-bit data word is written into the FIFO
on every LOW-to-HIGH transition of WCLK. When WEN is HIGH, the FIFO
internal memory continues to hold the previous data (see Table 3). Data will not
be written into the FIFO if FF is LOW.
In the Enhanced Operating Mode,
whenever Control Register bit 06 is HIGH, WEN2 is ANDed with WEN to
produce an effective internal write-enable signal.
2
RCLK
Read Clock
I
Data is read from the FIFO on a LOW-to-HIGH transition of RCLK whenever
REN (Read Enable) is being asserted (LOW), and LD is HIGH. If LD is LOW, a
programmable register rather than the internal FIFO memory is read from.
In the
Enhanced Operating Mode, whenever Control Register bit 06 is HIGH, REN2
is ANDed with REN (and whenever Control Register bit 05 is HIGH, also
with OE) to produce an effective internal read-enable signal.
2
REN
Read Enable
I
When REN is LOW and LD is HIGH, an 18-bit data word is read from the FIFO
on every LOW-to-HIGH transition of RCLK. When REN is HIGH, and/or also
when EF is LOW, the FIFO’s output register continues to hold the previous data
word, whether or not Q0 – Q17 (the data outputs) are enabled (see Table 3). In
the Enhanced Operating Mode, whenever Control Register bit 06 is HIGH,
REN2 is ANDed with REN (and whenever Control Register bit 05 is HIGH,
also with OE) to produce an effective internal read-enable signal.
2
OE
Output Enable
I
When OE is LOW, the FIFO’s data outputs drive the bus to which they are
connected. If OE is HIGH, the FIFO’s outputs are in high-Z (high-impedance)
state.
In the Enhanced Operating Mode, OE not only continues to control
the outputs in this same manner, but also can function as an additional
ANDing input to the combined effective read-enable signal, along with REN
and REN2, whenever Control Register bit 05 is HIGH (see Table 5).
2
BOLD ITALIC = Enhanced Operating Mode
LH540235/45
2048 x 18/4096 x 18 Synchronous FIFOs
6


Similar Part No. - LH540235

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540235

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C455 CYPRESS-CY7C455 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
AverLogic Technologies ...
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com