Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLP36RGB1W3A Datasheet(PDF) 2 Page - Rohm

Part # SMLP36RGB1W3A
Description  The smallest 3 color type LED in the world
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP36RGB1W3A Datasheet(HTML) 2 Page - Rohm

  SMLP36RGB1W3A Datasheet HTML 1Page - Rohm SMLP36RGB1W3A Datasheet HTML 2Page - Rohm SMLP36RGB1W3A Datasheet HTML 3Page - Rohm SMLP36RGB1W3A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FORWARD VOLTAGE:VF (V)
2.0
2.5
3.0
3.5
1
10
100
Ta=25°C
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
FORWARD CURRENT:IF (mA)
0
5
10
15
20
0
2
1
3
4
Ta=25°C
AMBIENT TEMPERATURE:Ta (°C)
0
10
20
30
-40
-20
0
20
40
60
80
100
SMLP34RGB1W
SMLP36RGB1W
SMLP34RGB1W(R)
SMLP36RGB1W(R)
SMLP34RGB1W(G,B)
SMLP36RGB1W(G,B)
SMLP34RGB1W(R)
SMLP36RGB1W(R)
SMLP34RGB1W(G,B)
SMLP36RGB1W(G,B)
SMLP34RGB1W(R)
SMLP36RGB1W(R)
SMLP34RGB1W(G)
SMLP36RGB1W(G)
SMLP34RGB1W(B)
SMLP36RGB1W(B)
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SMLP3 Series
2/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SMLP36RGB1W3A

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP36RGB1W3A ROHM-SMLP36RGB1W3A Datasheet
818Kb / 4P
   The smallest 3 color type LED in the world PICOLED-RGB
More results

Similar Description - SMLP36RGB1W3A

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP3 ROHM-SMLP3 Datasheet
818Kb / 4P
   The smallest 3 color type LED in the world PICOLED-RGB
SMLP36RGB ROHM-SMLP36RGB Datasheet
402Kb / 11P
   The smallest class 3 color type LED in the world PICOLEDTM-RGB
SMLP34 ROHM-SMLP34 Datasheet
1Mb / 9P
   The smallest class 3 color type LED in the world PICOLEDTM-RGB
SMLP34RGB ROHM-SMLP34RGB Datasheet
384Kb / 11P
   The smallest class 3 color type LED in the world PICOLEDTM-RGB
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
   Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
Hirose Electric
H.FL-LP-A32 HIROSE-H.FL-LP-A32 Datasheet
277Kb / 6P
   THE world smallest low-profile coaxial connectors
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
logo
Omron Electronics LLC
A165E OMRON-A165E Datasheet
1Mb / 12P
   Separate Construction with Smallest Class of Depth in the World
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
   The Smallest Dimension in the Market
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
   The world?셲 smallest surface mount tantalum capacitor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com