Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC846S Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BC846S
Description  Dual NPN Small Signal Transistor 200mW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC846S Datasheet(HTML) 1 Page - Micro Commercial Components

  BC846S Datasheet HTML 1Page - Micro Commercial Components BC846S Datasheet HTML 2Page - Micro Commercial Components BC846S Datasheet HTML 3Page - Micro Commercial Components BC846S Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Mechanical Data
Case: SOT-363, Molded Plastic
Polarity: See Diagram
BC846BS
Dual NPN Small
Signal Transistor
200mW
Features
Maximum Ratings @
@ 25
Unless Otherwise Specified
Symbol
Parameter
Value
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
65Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
80Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
6.0
Vdc
IC
Collector Current
100
mAdc
Pd
Power Dissipation @ TA=25
TJ, TSTG
Operating & Storage Temperature
-55~+150
SOT-363
DIMENSIONS
J
M
A
C
B
G
H
K
D
L
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Micro Commercial Components
MCC
TM
www.mccsemi.com
1 of 4
Marking: 4Ft
200
mw
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.00
6
.01
4
0.1
5
0.3
5
B
.045
.053
1.15
1.35
C
.0
85
.0
96
2.
15
2.
45
D
.026
0.65Nominal
G
.0
47
.0
55
1.20
1.40
H
.071
.087
1.80
2.20
J
---
.004
---
0.10
K
.035
.0
43
0.90
1.
10
L
.010
.01
8
0.2
6
0.4
6
M
.00
3
.0
06
0.
08
0.
15
BC84
6S
Ideally Suited for Automatic Insertion
Ultra-Small Surface Mount Package
For Switching and AF Amplifier Applications
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
INCHES
Revision: A
2011/01/01


Similar Part No. - BC846S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846S PHILIPS-BC846S Datasheet
50Kb / 8P
   NPN general purpose double transistor
1999 Sep 01
logo
Diotec Semiconductor
BC846S DIOTEC-BC846S Datasheet
171Kb / 2P
   SMD General Purpose NPN Transistors
logo
Siemens Semiconductor G...
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
logo
Micro Commercial Compon...
BC846S MCC-BC846S Datasheet
372Kb / 4P
   Dual NPN Small Signal Transistor 200mW
logo
Infineon Technologies A...
BC846S INFINEON-BC846S Datasheet
58Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
More results

Similar Description - BC846S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC846S MCC-BC846S_13 Datasheet
372Kb / 4P
   Dual NPN Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC817-16W TSC-BC817-16W Datasheet
576Kb / 4P
   200mW, NPN Small Signal Transistor
logo
Micro Commercial Compon...
BCW66F MCC-BCW66F Datasheet
271Kb / 3P
   NPN Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC817W TSC-BC817W Datasheet
350Kb / 6P
   200mW, NPN Small Signal Transistor
logo
Micro Commercial Compon...
BC847PN MCC-BC847PN Datasheet
320Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC807W TSC-BC807W Datasheet
553Kb / 4P
   200mW, PNP Small Signal Transistor
BC856A TSC-BC856A_14 Datasheet
323Kb / 6P
   200mW, PNP Small Signal Transistor
BC807-16W TSC-BC807-16W Datasheet
150Kb / 6P
   200mW, PNP Small Signal Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com