Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-812UWT86P Datasheet(PDF) 3 Page - Rohm

Part # SML-812UWT86P
Description  Reverse-mount type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-812UWT86P Datasheet(HTML) 3 Page - Rohm

  SML-812UWT86P Datasheet HTML 1Page - Rohm SML-812UWT86P Datasheet HTML 2Page - Rohm SML-812UWT86P Datasheet HTML 3Page - Rohm SML-812UWT86P Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SML812BCT
SML-81 Series
Rank Reference of Brightness
Red (U) Orange (D) Yellow (W)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
9.0 to 11.2 11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355
Reverse
Mount Chip
LEDs
34125
1.1
SML-811UT(A)
SML-811DT(A)
SML-811WT(A)
*Please note that the brightness of some products may fall between ranks (half rank).
Green (M) Blue (B)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Reverse
Mount Chip
LEDs
34125
1.1
SML-810MT
SML-812MT
※Brightness on specification sheet include tolerance of within ±10%.
Part No. Construction
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L
8 1 2 M T T 8 6
“−” will be taken out for
emitting color B series.
Series name
Package type
Chip Type Emitting Color Resin Color Taping Specifications
Rank sign (Brightness Rank)∗
U
1
0 Standard Type
2 High Brightness Type
Low Current Type
D
W
M
B
T86
T87
1
Cathode at sprocket hole side
For white LED, cathode at sprocket hole side
Reverse of T86
W MilkyWhite
Red:620nm
Orange:605nm
Yellow:590nm
Yellowish-Green:570(572)nm
Blue:470nm
P
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
3/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SML-812UWT86P

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-812 ROHM-SML-812 Datasheet
150Kb / 3P
   High Brightness Type Back-fire chip LEDs(Reverse package)
SML-812BCT ROHM-SML-812BCT Datasheet
108Kb / 3P
   Reverse Mount Chip LEDs High Brightness Type
logo
List of Unclassifed Man...
SML-812MT ETC1-SML-812MT Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Rohm
SML-812MT ROHM-SML-812MT Datasheet
150Kb / 3P
   High Brightness Type Back-fire chip LEDs(Reverse package)
SML-812MT ROHM-SML-812MT Datasheet
108Kb / 3P
   Reverse Mount Chip LEDs High Brightness Type
More results

Similar Description - SML-812UWT86P

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VCEW1154RDS-TR STANLEY-VCEW1154RDS-TR Datasheet
681Kb / 25P
   Reverse mount type
logo
Rohm
SML812BCTT86 ROHM-SML812BCTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811WTT86 ROHM-SML-811WTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-812MTT86 ROHM-SML-812MTT86 Datasheet
1Mb / 12P
   Reverse-mount available type
SML-811VT ROHM-SML-811VT Datasheet
389Kb / 11P
   Reverse-mount available type
SML-810TBT86 ROHM-SML-810TBT86 Datasheet
1Mb / 4P
   Reverse-mount type phototransistors
logo
STANLEY ELECTRIC CO.,LT...
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
   Surface Mount Phototransistor/Reverse Mount Type
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
logo
Adam Technologies, Inc.
CF2A-50-SG-R-C1 ADAM-TECH-CF2A-50-SG-R-C1 Datasheet
225Kb / 1P
   CF TYPE SOCKET REVERSE MOUNT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com