Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH5332600 Datasheet(PDF) 8 Page - Sharp Corporation

Part # LH5332600
Description  CMOS 32M (4M x 8/2M x 16) MROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5332600 Datasheet(HTML) 8 Page - Sharp Corporation

  LH5332600 Datasheet HTML 1Page - Sharp Corporation LH5332600 Datasheet HTML 2Page - Sharp Corporation LH5332600 Datasheet HTML 3Page - Sharp Corporation LH5332600 Datasheet HTML 4Page - Sharp Corporation LH5332600 Datasheet HTML 5Page - Sharp Corporation LH5332600 Datasheet HTML 6Page - Sharp Corporation LH5332600 Datasheet HTML 7Page - Sharp Corporation LH5332600 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LH5332600
Device Type
X
Package
5332600N-5
Example: LH5332600N (CMOS 32M (4M x 8 or 2M x 16) Mask-Programmable ROM, 44-pin, 600-mil SOP)
CMOS 32M (4M x 8 or 2M x 16) Mask-Programmable ROM
N 44-pin, 600-mil SOP (SOP044-P-0600)
T 48-pin, 12 mm x 18 mm2 TSOP (Type I) (TSOP048-P-1218)
ORDERING INFORMATION
LH5332600
CMOS 32M (4M x 8/2M x 16) MROM
8


Similar Part No. - LH5332600

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LH5330-PF LIGITEK-LH5330-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results

Similar Description - LH5332600

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
LH532600 SHARP-LH532600 Datasheet
71Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
   CMOS 16M (2M x 8/1M x 16) MROM
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
   CMOS 2M (256K x 8/128K x 16) MROM
logo
Fujitsu Component Limit...
MBM29DL32XTD FUJITSU-MBM29DL32XTD Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
MBM29DL32XTE FUJITSU-MBM29DL32XTE Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
logo
Sharp Corporation
LH534B00 SHARP-LH534B00 Datasheet
42Kb / 5P
   CMOS 4M (512K x 8) MROM
LH532048 SHARP-LH532048 Datasheet
71Kb / 7P
   CMOS 2M (128K x 16) MROM
LH534A00 SHARP-LH534A00 Datasheet
40Kb / 5P
   CMOS 4M (512K x 8) MROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com