Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH532600 Datasheet(PDF) 8 Page - Sharp Corporation

Part # LH532600
Description  CMOS 2M (256K x 8/128K x 16) MROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH532600 Datasheet(HTML) 8 Page - Sharp Corporation

  LH532600 Datasheet HTML 1Page - Sharp Corporation LH532600 Datasheet HTML 2Page - Sharp Corporation LH532600 Datasheet HTML 3Page - Sharp Corporation LH532600 Datasheet HTML 4Page - Sharp Corporation LH532600 Datasheet HTML 5Page - Sharp Corporation LH532600 Datasheet HTML 6Page - Sharp Corporation LH532600 Datasheet HTML 7Page - Sharp Corporation LH532600 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ORDERING INFORMATION
D
40-pin, 600-mil DIP (DIP040-P-0600)
N
40-pin, 525-mil SOP (SOP040-P-0525)
T
48-pin, 10 x 20 mm2 TSOP (Type I) (TSOP048-P-1020)
TR 48-pin, 10 x 20 mm2 TSOP (Type I) Reverse bend (TSOP048-P-1020)
LH532600
Device Type
X
Package
532600-6
Example: LH532600D (CMOS 2M (256K x 8 or 128K x 16 ) Mask-Programmable ROM, 40-pin, 600-mil DIP)
CMOS 2M (256K x 8 or 128K x 16) Mask-Programmable ROM
DIMENSIONS IN MM [INCHES]
MAXIMUM LIMIT
MINIMUM LIMIT
48TSOP (TSOP048-P-1218)
18.40 [0.724]
17.60 [0.693]
16.60 [0.654]
16.20 [0.638]
17.00 [0.669]
12.20 [0.480]
11.80 [0.465]
0.15 [0.006]
0.425 [0.017]
0.20 [0.008]
0.00 [0.000]
1.20 [0.047]
MAX.
1.10 [0.043]
0.90 [0.035]
0.20 [0.008]
0.10 [0.004]
0.30 [0.012]
0.10 [0.004]
48
25
24
1
0.425 [0.017]
48TSOP
0.50 [0.020]
TYP.
48-pin, 10
× 20 mm2 TSOP (Type I)
LH532600
CMOS 2M MROM
8


Similar Part No. - LH532600

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
   CMOS 2M (256K x 8/128K x 16) MROM
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
LH532048 SHARP-LH532048 Datasheet
71Kb / 7P
   CMOS 2M (128K x 16) MROM
LH532100B SHARP-LH532100B Datasheet
79Kb / 8P
   CMOS 2M (256K x 8) MROM
LH532100B-1 SHARP-LH532100B-1 Datasheet
79Kb / 8P
   CMOS 2M (256K x 8) MROM
More results

Similar Description - LH532600

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
   CMOS 2M (256K x 8/128K x 16) MROM
LH532048 SHARP-LH532048 Datasheet
71Kb / 7P
   CMOS 2M (128K x 16) MROM
LH532100B SHARP-LH532100B Datasheet
79Kb / 8P
   CMOS 2M (256K x 8) MROM
LH532100B-1 SHARP-LH532100B-1 Datasheet
79Kb / 8P
   CMOS 2M (256K x 8) MROM
logo
Fujitsu Component Limit...
MBM29LV200TC FUJITSU-MBM29LV200TC Datasheet
488Kb / 54P
   2M (256K X 8/128K X 16) BIT
MBM29F200TC FUJITSU-MBM29F200TC Datasheet
508Kb / 48P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
   2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
logo
Sharp Corporation
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
   CMOS 16M (2M x 8/1M x 16) MROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com