Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCM03-3760LFT Datasheet(PDF) 1 Page - C&K Components

Part # CCM03-3760LFT
Description  CCM03 Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CCM03-3760LFT Datasheet(HTML) 1 Page - C&K Components

  CCM03-3760LFT Datasheet HTML 1Page - C&K Components CCM03-3760LFT Datasheet HTML 2Page - C&K Components CCM03-3760LFT Datasheet HTML 3Page - C&K Components CCM03-3760LFT Datasheet HTML 4Page - C&K Components CCM03-3760LFT Datasheet HTML 5Page - C&K Components CCM03-3760LFT Datasheet HTML 6Page - C&K Components CCM03-3760LFT Datasheet HTML 7Page - C&K Components CCM03-3760LFT Datasheet HTML 8Page - C&K Components CCM03-3760LFT Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Designation
Contact
Plating
Cover
# of
Contacts
PCB
Version
Card End
Travel
Switch
Operating
Life
Total Height
(mm)
Dim. (mm)
Packaging
CCM03-3001LFT
inlay
hinged
6
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3002LFT
inlay
hinged
6
2 plastic pegs
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3003LFT
inlay
hinged
8
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3004LFT
inlay
hinged
8
2 plastic pegs
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3009LFT
gold
hinged
6
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3010LFT
gold
hinged
6
2 plastic pegs
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3011LFT
gold
hinged
8
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3012LFT
gold
hinged
8
2 plastic pegs
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3013LFT
gold
hinged
6
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3512LFT
gold
hinged
6
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3519LFT
gold
hinged
6
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3518LFT
gold
hinged
6
without
10,000
2,2
18 x 29,65
reels of 1,000 pcs
CCM03-3504LFT
gold
fixed
8
without
50,000
2,85
17,2 x 25,5
reels of 1,000 pcs
CCM03-3505LFT
gold
fixed
6
without
50,000
2,85
17,2 x 25,5
reels of 1,000 pcs
CCM03-3535LFT
inlay
fixed
6
without
50,000
2,85
17,2 x 25,5
reels of 1,000 pcs
CCM03-3754LFT
inlay
fixed
6
with
10,000
3,5
16,5 x 18,05
reels of 1,000 pcs
CCM03-3760LFT
inlay
fixed
6
without
10,000
3,45
16,5 x 15,85
reels of 1,000 pcs
CCM03-3764LFT
inlay
none
6
with
10,000
2,9
16,5 x 15,85
reels of 1,000 pcs
28
CCM03 Series
Mechanical
Number of Contacts
6 or 8
Mechanical life, hinged cover 10,000 cycles min
Mechanical life, fixed cover
50,000 cycles
Card insertion force
Hinged cover: 1N max
Fixed cover: 3N max
Card extraction force
Hinged cover: 1N max
Fixed cover: 0,80N min / 3N max
Contact force
0,25N min / 0,50N max
Slide locking force
2N min / 6N max
1,8N max. for complete depression
Vibration Frequency
10 to 500 Hz. Acceleration 50m/s2
Duration 6 hours - amplitude 0,35 mm
Max electrical discontinuity
1µs
Shock
Peak value 500 m/s2 – Duration 11 ms
3 shocks in each direction of each axis
Soldering Process
Compatible with lead free SMT soldering process
Contact Electrical Data
Insulation resistance
1,000 M
Ω min
Resistance
100 m
Ω max
Current rating
10 µA min / 1 A max
Dielectric strength
750 Vrms min
Switch Electrical Data
Card detection switch
Normally open
Contact resistance
100 m
Ω max
Dielectric strength
250 Vrms min
Current rating
1 mA min / 10m A max
Maximum power
0.2 VA
Environment Data
Operating temperature
-40°C to +85°C
Damp heat
IEC 512 test number 11c (10 days)
Salt mist
IEC 512 test number 11f (96 hours)
RoHS compliant
Features
SIM/SAM card acceptance
Hinged and fixed covers
Compatible with pick and place and
lead free soldering
Typical Applications
Handheld products
Identification
POS
Automotive
C
E
smartCard2011_6.0.qxd:2002 CCM Catalog.qxd
5/16/11
4:05 PM
Page 28


Similar Part No. - CCM03-3760LFT

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM03-3760LFT CK-COMPONENTS-CCM03-3760LFT Datasheet
1Mb / 15P
   Compatible with pick and place and
More results

Similar Description - CCM03-3760LFT

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM03MK2 CK-COMPONENTS-CCM03MK2_V01 Datasheet
1Mb / 12P
   CCM03 MK2 Series
2022
CCM03MK3 CK-COMPONENTS-CCM03MK3 Datasheet
324Kb / 4P
   CCM03 MK3 Series
6 Feb 19
logo
ITT Industries
CCM03-3517 ITT-CCM03-3517 Datasheet
673Kb / 8P
   CCM03-3517
logo
C&K Components
CCM03-3001 CK-COMPONENTS-CCM03-3001_13 Datasheet
593Kb / 16P
   CCM03 MK II
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com