Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCM03-3003LFT Datasheet(PDF) 5 Page - C&K Components

Part # CCM03-3003LFT
Description  CCM03 Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CCM03-3003LFT Datasheet(HTML) 5 Page - C&K Components

  CCM03-3003LFT Datasheet HTML 1Page - C&K Components CCM03-3003LFT Datasheet HTML 2Page - C&K Components CCM03-3003LFT Datasheet HTML 3Page - C&K Components CCM03-3003LFT Datasheet HTML 4Page - C&K Components CCM03-3003LFT Datasheet HTML 5Page - C&K Components CCM03-3003LFT Datasheet HTML 6Page - C&K Components CCM03-3003LFT Datasheet HTML 7Page - C&K Components CCM03-3003LFT Datasheet HTML 8Page - C&K Components CCM03-3003LFT Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
32
Dimensions are shown in mm
Specifications and dimensions subject to change
www.ck-components.com
CCM03-3004 LFT
CCM03 Series
MICROSIM CARD
R 1,9
3,81 3,8
3,5
2,45
1,25
5,65±0,2
13,8
29,65
(29,65)
0,7
25˚
0,8
(25,5)
R 1,9
0,4
25,5±0,2
13,15
2,1
10,16
20,32
3,813,81
180˚max
(25,5)
ø1±0,05
ø 0,1 A B
XX-XXX
SEE DETAIL A
Date Code area
Mated condition
2x
Pick and place area
ø3,5
Slider locked
Bump
DETAIL A
Scale 5
B
2
23,2
25,5
2,5 5,5
5,5
3,813,81
1,5
1,5
9,34
6,35
20,32
+0,1
ø 1,2 0
ø 0,1
1,44
Contact location according to
ENV1375-1 & GSM11-11
Contact foot area
0,8 x 1
RECOMMENDED PC BOARD LAYOUT
(Component side)
Prohibited area
C5
Plastic outline
Pad
C6
C7
C1
C2
C3
2x
C8
C4
C
E
smartCard2011_6.0.qxd:2002 CCM Catalog.qxd
5/16/11
4:05 PM
Page 32


Similar Part No. - CCM03-3003LFT

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM03-3003LFT CK-COMPONENTS-CCM03-3003LFT Datasheet
1Mb / 15P
   Compatible with pick and place and
CCM03-3003LFTR102 CK-COMPONENTS-CCM03-3003LFTR102 Datasheet
1Mb / 12P
   CCM03 MK2 Series
2022
More results

Similar Description - CCM03-3003LFT

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM03MK2 CK-COMPONENTS-CCM03MK2_V01 Datasheet
1Mb / 12P
   CCM03 MK2 Series
2022
CCM03MK3 CK-COMPONENTS-CCM03MK3 Datasheet
324Kb / 4P
   CCM03 MK3 Series
6 Feb 19
logo
ITT Industries
CCM03-3517 ITT-CCM03-3517 Datasheet
673Kb / 8P
   CCM03-3517
logo
C&K Components
CCM03-3001 CK-COMPONENTS-CCM03-3001_13 Datasheet
593Kb / 16P
   CCM03 MK II
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com