Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH5324500 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LH5324500
Description  CMOS 24M (3M x 8/1.5M x 16) MROM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5324500 Datasheet(HTML) 1 Page - Sharp Corporation

  LH5324500 Datasheet HTML 1Page - Sharp Corporation LH5324500 Datasheet HTML 2Page - Sharp Corporation LH5324500 Datasheet HTML 3Page - Sharp Corporation LH5324500 Datasheet HTML 4Page - Sharp Corporation LH5324500 Datasheet HTML 5Page - Sharp Corporation LH5324500 Datasheet HTML 6Page - Sharp Corporation LH5324500 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LH5324500
FEATURES
•• 3,145,728 words × 8 bit organization
(Byte mode)
1,572,864 words
× 16 bit organization
(Word mode)
•• Access time: 150 ns (MAX.)
•• Power consumption:
Operating: 357.5 mW (MAX.)
Standby: 550
µW (MAX.)
•• Static operation
•• TTL compatible I/O
•• Three-state outputs
•• Single +5 V power supply
•• Package: 44-pin, 600-mil SOP
DESCRIPTION
The LH5324500 is a 24M-bit mask-programmable
ROM organized as 3,145,728
× 8 bits (Byte mode) or
1,572,864
× 16 bits (Word mode) that can be selected
by a BYTE input pin. It is fabricated using silicon-gate
CMOS process technology.
PIN CONNECTIONS
5324500-1
TOP VIEW
2
3
4
5
8
9
A2
A5
39
38
37
36
35
34
31
28
A7
A6
6
7
A3
A4
33
32
A10
A11
A13
A15
BYTE
GND
D14
10
11
12
41
40
A9
A1
13
30
D15/A-1 (LSB)
29
D7
OE
A0
CE
A12
44-PIN SOP
14
15
16
17
18
19
20
21
25
27
26
24
23
D13
D5
D12
D4
D2
D10
D9
GND
D8
D1
D0
D3
D11
VCC
A8
A14
A16
D6
42
1
A18
NC
22
44
43
A17
A19
A20
Figure 1. Pin Connections for SOP Package
CMOS 24M (3M
× 8/1.5M × 16) MROM
1


Similar Part No. - LH5324500

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5324000 SHARP-LH5324000 Datasheet
52Kb / 6P
   CMOS 24M (3M x 8) MROM
LH5324C00 SHARP-LH5324C00 Datasheet
53Kb / 6P
   CMOS 24M (1.5M x 16) MROM
LH5324P00A SHARP-LH5324P00A Datasheet
63Kb / 6P
   CMOS 24M (3M x 8/1.5M x 16) Mask-Programmable ROM
More results

Similar Description - LH5324500

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5324C00 SHARP-LH5324C00 Datasheet
53Kb / 6P
   CMOS 24M (1.5M x 16) MROM
LH5324000 SHARP-LH5324000 Datasheet
52Kb / 6P
   CMOS 24M (3M x 8) MROM
LH5324P00A SHARP-LH5324P00A Datasheet
63Kb / 6P
   CMOS 24M (3M x 8/1.5M x 16) Mask-Programmable ROM
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
LH532600 SHARP-LH532600 Datasheet
71Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
   CMOS 16M (2M x 8/1M x 16) MROM
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
   CMOS 2M (256K x 8/128K x 16) MROM
LH5332600 SHARP-LH5332600 Datasheet
62Kb / 8P
   CMOS 32M (4M x 8/2M x 16) MROM
LH531024 SHARP-LH531024 Datasheet
72Kb / 7P
   CMOS 1M (64K x 16) MROM
LH532048 SHARP-LH532048 Datasheet
71Kb / 7P
   CMOS 2M (128K x 16) MROM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com