Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR-563ST3F Datasheet(PDF) 2 Page - Rohm

Part # SIR-563ST3F
Description  Infrared light emitting diode, top view type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SIR-563ST3F Datasheet(HTML) 2 Page - Rohm

  SIR-563ST3F_07 Datasheet HTML 1Page - Rohm SIR-563ST3F_07 Datasheet HTML 2Page - Rohm SIR-563ST3F_07 Datasheet HTML 3Page - Rohm SIR-563ST3F_07 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIR-563ST3F
Sensors
Rev.A
2/3
Electrical and optical characteristics (Ta = 25
°C)
Parameter
Symbol
PO
IE
fC
IR
VF
∆λ
λP
θ1 / 2
tr·tf
Min.
9.0
Typ.
11
21
1.34
940
40
±15
1.0
1.0
Max.
1.6
10
Unit
mW
mW/sr
IF
=50mA
IF
=50mA
IF
=50mA
VR
=3V
IF
=50mA
IF
=50mA
IF
=50mA
IF
=50mA
IF
=50mA
µA
nm
nm
V
deg
MHz
µs
Conditions
Optical output
Emitting strength
Forward voltage
Reverse current
Peak light emitting wavelength
Spectral line half width
Half-viewing angle
Pesponse time
Cut-off frequency
Electrical and optical characteristic curves
Fig.1 Forward current
AMBIENT TEMPERATURE : Ta (
°C)
20
0
406080
100
0
20
40
60
80
100
FORWARD VOLTAGE : VF (V)
0
20
40
60
80
100
012
75
°C
50
°C
25
°C
0
°C
−25°C
Fig.2 Forward current vs.
forward voltage
Fig.3 Wavelength
OPTICAL WAVELENGTH :
λ (nm)
920
900
940
960
980
0
20
40
60
80
100
Fig.4 Emitting strength vs.
forward current
FORWARD CURRENT : IF
(mA)
20
0
406080
100
0
10
20
30
40
50
−25
100
75
50
25
0
10
20
50
100
200
AMBIENT TEMPERATURE : Ta (
°C)
Fig.5 Relative emitting strength vs.
ambient temperature


Similar Part No. - SIR-563ST3F_07

ManufacturerPart #DatasheetDescription
logo
Rohm
SIR-563ST3F ROHM-SIR-563ST3F Datasheet
53Kb / 3P
   Infrared light emitting diode, top view type
More results

Similar Description - SIR-563ST3F_07

ManufacturerPart #DatasheetDescription
logo
Rohm
SIR-568ST3F ROHM-SIR-568ST3F_1 Datasheet
70Kb / 4P
   Infrared light emitting diode, top view type
SIR-505STA47 ROHM-SIR-505STA47_07 Datasheet
60Kb / 3P
   Infrared light emitting diode, top view type
SIR-341ST3F ROHM-SIR-341ST3F Datasheet
63Kb / 3P
   Infrared light emitting diode, top view type
SIR-56ST3F ROHM-SIR-56ST3F Datasheet
53Kb / 3P
   Infrared light emitting diode, top view type
SIR-563ST3F ROHM-SIR-563ST3F Datasheet
53Kb / 3P
   Infrared light emitting diode, top view type
SIR-568ST3F ROHM-SIR-568ST3F Datasheet
59Kb / 3P
   Infrared light emitting diode, top view type
SIR-34ST3F ROHM-SIR-34ST3F Datasheet
81Kb / 4P
   Infrared light emitting diode, top view type
SIR-320ST3F ROHM-SIR-320ST3F_1 Datasheet
69Kb / 4P
   Infrared light emitting diode, top view type
SIR-320ST3F ROHM-SIR-320ST3F Datasheet
68Kb / 3P
   Infrared light emitting diode, top view type
SIR-505STA47 ROHM-SIR-505STA47 Datasheet
60Kb / 3P
   Infrared light emitting diode, top view type
SIR-341ST3F ROHM-SIR-341ST3F_10 Datasheet
140Kb / 3P
   Infrared light emitting diode, top view type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com