Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR-505STA47 Datasheet(PDF) 1 Page - Rohm

Part # SIR-505STA47
Description  Infrared light emitting diode, top view type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SIR-505STA47 Datasheet(HTML) 1 Page - Rohm

  SIR-505STA47 Datasheet HTML 1Page - Rohm SIR-505STA47 Datasheet HTML 2Page - Rohm SIR-505STA47 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SIR-505STA47
Sensors
Rev.A
1/2
Infrared light emitting diode, top view type
SIR-505STA47
The SIR-505STA47 is optimal for tape-end sensors in VTR's and other equipment. It can be directly mounted on a
printed circuit board.
Applications
VCR's, Optical control equipment
Features
1)
φ5 mm plastic package.
2) Direct-mount type.
3) Long life and high reliability.
Dimensions (Unit : mm)
Notes:
1. Unspecified tolerance
shall be
±0.2 .
2. Dimension in parenthesis are
show for reference.
φ6.0
±0.3
φ5.0
(5.0)
2
−0.5
0.1
+0.2
2
− 0.4
±0.1
1
2
1 Anode
2 Cathode
Absolute maximum ratings (Ta = 25
°C)
Electrical and optical characteristics (Ta = 25
°C)
Parameter
Symbol
Limits
−25 to +85
−40 to +85
100
5
160
0.5
Unit
mA
V
mW
A
°C
°C
Pulse width = 0.1 ms, duty ratio 1%
Forward current
Reverse voltage
Power dissipation
Pulse forward current
Operating temperature
Storage temperature
PD
IF
IFP
VR
Topr
Tstg
mW
mW/sr
V
µA
nm
nm
deg
µs
MHz
IF=50mA
IF
=50mA
IF
=100mA
VR
=3V
IF
=50mA
IF
=50mA
IF
=50mA
IF
=50mA
IF
=50mA
Parameter
Symbol
Min.
5.6
Typ.
8.0
10.0
1.38
950
40
±15
1.0
Max.
25.7
1.6
10
Unit
1.0
Conditions
Optical output
Emitting strength
Forward voltage
Reverse current
Peak light emitting wavelength
Spectral line half width
Half-viewing angle
Response time
Cut-off frequency
PO
IE
VF
IR
λP
∆λ
θ1/2
tr tf
fc


Similar Part No. - SIR-505STA47

ManufacturerPart #DatasheetDescription
logo
Rohm
SIR-505STA47 ROHM-SIR-505STA47 Datasheet
60Kb / 3P
   Infrared light emitting diode, top view type
More results

Similar Description - SIR-505STA47

ManufacturerPart #DatasheetDescription
logo
Rohm
SIR-568ST3F ROHM-SIR-568ST3F_1 Datasheet
70Kb / 4P
   Infrared light emitting diode, top view type
SIR-341ST3F ROHM-SIR-341ST3F Datasheet
63Kb / 3P
   Infrared light emitting diode, top view type
SIR-56ST3F ROHM-SIR-56ST3F Datasheet
53Kb / 3P
   Infrared light emitting diode, top view type
SIR-563ST3F ROHM-SIR-563ST3F Datasheet
53Kb / 3P
   Infrared light emitting diode, top view type
SIR-568ST3F ROHM-SIR-568ST3F Datasheet
59Kb / 3P
   Infrared light emitting diode, top view type
SIR-34ST3F ROHM-SIR-34ST3F Datasheet
81Kb / 4P
   Infrared light emitting diode, top view type
SIR-320ST3F ROHM-SIR-320ST3F_1 Datasheet
69Kb / 4P
   Infrared light emitting diode, top view type
SIR-320ST3F ROHM-SIR-320ST3F Datasheet
68Kb / 3P
   Infrared light emitting diode, top view type
SIR-505STA47 ROHM-SIR-505STA47 Datasheet
60Kb / 3P
   Infrared light emitting diode, top view type
SIR-341ST3F ROHM-SIR-341ST3F_10 Datasheet
140Kb / 3P
   Infrared light emitting diode, top view type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com