Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFS6900A-LF Datasheet(PDF) 1 Page - Z-Communications, Inc

Part # SFS6900A-LF
Description  Fixed Frequency Synthesizer Surface Mount Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

SFS6900A-LF Datasheet(HTML) 1 Page - Z-Communications, Inc

  SFS6900A-LF_11 Datasheet HTML 1Page - Z-Communications, Inc SFS6900A-LF_11 Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Performance Specifications
Typ
Units
Min
Max
-20
Frequency
Phase Noise @ 10 kHz offset (1 Hz BW)
Harmonic Suppression (2nd)
Spurious Suppression
Power Output
Load Impedance
Settling Time
Operating Temperature Range
MHz
dBc/Hz
dBc
dBc
dBm
mS
°C
PLL-V12N
Package Style
70
0
3
-65
06
50
.3
Power Supply Requirements
Typ
Units
Max
3Vdc
Supply Voltage 1: PLL (Vcc, nom)
Vdc
mA
Supply Voltage 2: VCO (Vcc, nom)
Supply Current 2: VCO (Icc, typ)
mA
11
Supply Current 1: PLL (Icc, typ)
5
33
Min
Point to point transmission
Satellite Communications
Applications
SFS6900A-LF
A1
Rev
Application Notes
• AN-107: Manual Soldering Technique
• AN-205: Measuring Phase Noise for SFS Series
Fixed Frequency Synthesizer
Surface Mount Module
LFSuffix = RoHS Compliant. All specifications are subject to change without notice.
© Z-Communications, Inc. All Rights Reserved.
14118 Stowe Drive, Suite B | Poway, CA 92064 | TEL: (858) 621-2700 | FAX: (858) 486-1927
URL: www.zcomm.com | EMAIL: applications@zcomm.com
Page 1 of 2
FRM-S-002 B
Note1: Phase noise measurement was performed using a 10MHz CMOS reference oscillator with a phase noise of -145dBc/Hz @1KHz.
Additional Notes
Reference Oscillator Signal
Typ
Units
Min
Max
10
MHz
Frequency
Phase Noise @1 kHz Offset
dBc/Hz
-145
-90
6900
6900


Similar Part No. - SFS6900A-LF_11

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
SFS6900A-LF ZCOMM-SFS6900A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
More results

Similar Description - SFS6900A-LF_11

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
SFS1500B-LF ZCOMM-SFS1500B-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS5280A-LF ZCOMM-SFS5280A-LF_11 Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS9370Z-LF ZCOMM-SFS9370Z-LF_11 Datasheet
90Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS5200A-LF ZCOMM-SFS5200A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS1401A-LF ZCOMM-SFS1401A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS1387A-LF ZCOMM-SFS1387A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS1680A-LF ZCOMM-SFS1680A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS3500C-LF ZCOMM-SFS3500C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS4500A-LF ZCOMM-SFS4500A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS4875A-LF ZCOMM-SFS4875A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS10000Z-LF ZCOMM-SFS10000Z-LF Datasheet
90Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com