Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH8M14 Datasheet(PDF) 7 Page - Rohm

Part # SH8M14
Description  4V Drive Nch Pch MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SH8M14 Datasheet(HTML) 7 Page - Rohm

Back Button SH8M14 Datasheet HTML 3Page - Rohm SH8M14 Datasheet HTML 4Page - Rohm SH8M14 Datasheet HTML 5Page - Rohm SH8M14 Datasheet HTML 6Page - Rohm SH8M14 Datasheet HTML 7Page - Rohm SH8M14 Datasheet HTML 8Page - Rohm SH8M14 Datasheet HTML 9Page - Rohm SH8M14 Datasheet HTML 10Page - Rohm SH8M14 Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
SH8M14
 
〈Tr.2(Pch)〉
0
1
2
3
4
5
6
7
0
0.2
0.4
0.6
0.8
1
V
GS= -2.5V
V
GS= -10V
V
GS= -4.5V
V
GS= -4.0V
V
GS= -3.0V
T
a=25°C
Pulsed
Fig.1 Typical Output Characteristics(Ⅰ)
DRAIN-SOURCE VOLTAGE :
-V
DS[V]
0
1
2
3
4
5
6
7
0
2
4
6
8
10
V
GS= -2.5V
V
GS= -3.0V
V
GS= -10V
V
GS= -4.5V
V
GS= -4.0V
T
a=25°C
Pulsed
Fig.2 Typical Output Characteristics(Ⅱ)
DRAIN-SOURCE VOLTAGE :
-V
DS[V]
0.001
0.01
0.1
1
10
100
0
1
2
3
V
DS= -10V
Pulsed
T
a= 125°C
T
a= 75°C
T
a= 25°C
T
a= - 25°C
Fig.3 Typical Transfer Characteristics
GATE-SOURCE VOLTAGE :
-V
GS[V]
1
10
100
1000
0.1
1
10
V
GS= -4.0V
V
GS= -4.5V
V
GS= -10V
T
a=25°C
Pulsed
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅰ)
DRAIN-CURRENT :
-I
D[A]
1
10
100
1000
0.1
1
10
V
GS= -10V
Pulsed
T
a= 125°C
T
a= 75°C
T
a= 25°C
T
a= - 25°C
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅱ)
DRAIN-CURRENT :
-I
D[A]
1
10
100
1000
0.1
1
10
V
GS= -4.5V
Pulsed
T
a= 125°C
T
a= 75°C
T
a= 25°C
T
a= - 25°C
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅲ)
DRAIN-CURRENT :
-I
D[A]
7/10
2011.06 - Rev.A


Similar Part No. - SH8M14

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8M11 ROHM-SH8M11 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
SH8M12 ROHM-SH8M12 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
SH8M13 ROHM-SH8M13 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
logo
List of Unclassifed Man...
SH8M16GAETCEBAA01 ETC2-SH8M16GAETCEBAA01 Datasheet
1,008Kb / 2P
   e?줞MCTM Product Family
SH8M16GAETCEBAE01 ETC2-SH8M16GAETCEBAE01 Datasheet
1,008Kb / 2P
   e?줞MCTM Product Family
More results

Similar Description - SH8M14

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8M2 ROHM-SP8M2 Datasheet
74Kb / 4P
   4V Drive Nch Pch MOSFET
SH8M2 ROHM-SH8M2_09 Datasheet
168Kb / 4P
   4V Drive NchPch MOSFET
SH8M4 ROHM-SH8M4_09 Datasheet
187Kb / 6P
   4V Drive NchPch MOSFET
SH8M24 ROHM-SH8M24_09 Datasheet
168Kb / 4P
   4V Drive NchPch MOSFET
QS8M12TCR ROHM-QS8M12TCR Datasheet
743Kb / 11P
   4V Drive Nch Pch MOSFET
QS8M51 ROHM-QS8M51 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
SH8M12 ROHM-SH8M12 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
QS8M11 ROHM-QS8M11 Datasheet
1Mb / 9P
   4V Drive Nch Pch MOSFET
QS8M12 ROHM-QS8M12 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
SP8M51 ROHM-SP8M51 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
TT8M11 ROHM-TT8M11 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com