Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXQ040N03 Datasheet(PDF) 6 Page - Rohm

Part # RXQ040N03
Description  4V Drive Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RXQ040N03 Datasheet(HTML) 6 Page - Rohm

  RXQ040N03 Datasheet HTML 1Page - Rohm RXQ040N03 Datasheet HTML 2Page - Rohm RXQ040N03 Datasheet HTML 3Page - Rohm RXQ040N03 Datasheet HTML 4Page - Rohm RXQ040N03 Datasheet HTML 5Page - Rohm RXQ040N03 Datasheet HTML 6Page - Rohm RXQ040N03 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RXQ040N03
 
Measurement circuits
Notice
This product might cause chip aging and breakdown under the large electrified environment. Please consider to design
ESD protection circuit.
VGS
RG
VDS
D.U.T.
ID
RL
VDD
90%
90%
90%
10%
10%
50%
10%
50%
VGS
Pulse width
VDS
ton
toff
tr
td(on)
tf
td(off)
VG
VGS
Charge
Qg
Qgs
Qgd
VGS
IG(Const.)
VDS
D.U.T.
ID
RL
VDD
Fig.1-1 Switching Time Measurement Circuit
Fig.1-2 Switching Waveforms
Fig.2-1 Gate Charge Measurement Circuit
Fig.2-2 Gate Charge Waveform
6/6
2011.05 - Rev.A


Similar Part No. - RXQ040N03

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RXQ040N03 VBSEMI-RXQ040N03 Datasheet
487Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - RXQ040N03

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com