Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RUU002N05_1006 Datasheet(PDF) 1 Page - Rohm

Part # RUU002N05_1006
Description  1.2V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RUU002N05_1006 Datasheet(HTML) 1 Page - Rohm

  RUU002N05_1006 Datasheet HTML 1Page - Rohm RUU002N05_1006 Datasheet HTML 2Page - Rohm RUU002N05_1006 Datasheet HTML 3Page - Rohm RUU002N05_1006 Datasheet HTML 4Page - Rohm RUU002N05_1006 Datasheet HTML 5Page - Rohm RUU002N05_1006 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/5
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.06 - Rev.B
1.2V Drive Nch MOSFET
RUU002N05
 Structure
 Dimensions
(Unit : mm)
Silicon N-channel MOSFET
Features
1) High speed switing.
2) Small package(UMT3).
3)Ultra low voltage drive(1.2V drive).
 Application
Switching
 Packaging specifications
 Inner circuit
Package
Taping
Code
T106
Basic ordering unit (pieces)
3000
RUU002N05
 Absolute maximum ratings
(Ta = 25
C)
Symbol
Limits
Unit
Drain-source voltage
VDSS
50
V
Gate-source voltage
VGSS
8V
Continuous
ID
200
mA
Pulsed
IDP
800
mA
Continuous
IS
150
mA
Pulsed
ISP
800
mA
Power dissipation
PD
200
mW
Channel temperature
Tch
150
C
Range of storage temperature
Tstg
55 to +150
C
*1 Pw
10s, Duty cycle1%
*2 Each terminal mounted on a recommended land.
 Thermal resistance
Symbol
Limits
Unit
Channel to ambient
Rth (ch-a)
625
C / W
* Each terminal mounted on a recommended land.
Parameter
Type
Source current
(Body Diode)
Drain current
Parameter
*2
*1
*1
*
*2
*1
*1
UMT3
(SC-70)
<SOT-323>
(1) SOURCE
(2) GATE
(3) DRAIN
∗1 BODY DIODE
∗2 ESD PROTECTION DIODE
(2)
(1)
∗2
∗1
(3)
Abbreviated symbol : RH


Similar Part No. - RUU002N05_1006

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RUU002N05T106 VBSEMI-RUU002N05T106 Datasheet
1,013Kb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - RUU002N05_1006

ManufacturerPart #DatasheetDescription
logo
Rohm
EM6K33 ROHM-EM6K33 Datasheet
198Kb / 6P
   1.2V Drive Nch Nch MOSFET
VT6K1 ROHM-VT6K1 Datasheet
1Mb / 6P
   1.2V Drive Nch Nch MOSFET
EM6K7 ROHM-EM6K7 Datasheet
223Kb / 5P
   1.2V Drive NchNch MOSFET
UM6K33N ROHM-UM6K33N_10 Datasheet
193Kb / 6P
   1.2V Drive Nch Nch MOSFET
RUE002N02 ROHM-RUE002N02 Datasheet
222Kb / 5P
   1.2V Drive Nch MOSFET
RUC002N05 ROHM-RUC002N05 Datasheet
205Kb / 6P
   1.2V Drive Nch MOSFET
RUE002N05 ROHM-RUE002N05 Datasheet
193Kb / 6P
   1.2V Drive Nch MOSFET
RUM002N05 ROHM-RUM002N05 Datasheet
178Kb / 6P
   1.2V Drive Nch MOSFET
RUB002N02 ROHM-RUB002N02 Datasheet
1Mb / 7P
   1.2V Drive Nch MOSFET
RU1C002UN ROHM-RU1C002UN Datasheet
964Kb / 6P
   1.2V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com