Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTF016N05 Datasheet(PDF) 5 Page - Rohm

Part # RTF016N05
Description  2.5V Drive Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTF016N05 Datasheet(HTML) 5 Page - Rohm

  RTF016N05 Datasheet HTML 1Page - Rohm RTF016N05 Datasheet HTML 2Page - Rohm RTF016N05 Datasheet HTML 3Page - Rohm RTF016N05 Datasheet HTML 4Page - Rohm RTF016N05 Datasheet HTML 5Page - Rohm RTF016N05 Datasheet HTML 6Page - Rohm RTF016N05 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RTF016N05
 
1
10
100
1000
0.01
0.1
1
10
100
C
iss
C
rss
T
a=25°C
f=1MHz
V
GS=0V
C
oss
Fig.13 Typical Capacitance
vs. Drain-Source Voltage
DRAIN-SOURCE VOLTAGE : V
DS[V]
0.01
0.1
1
10
100
0.1
1
10
100
DC operation
Operation in this area is limited by R
DS(ON)
(V
GS=4.5V)
P
W=100us
P
W=1ms
P
W=10ms
T
a=25°C
Single Pulse
Mounted on a ceramic board.
(30mm × 30mm × 0.8mm)
Fig.14 Maximum Safe Operating Area
DRAIN-SOURCE VOLTAGE : V
DS[V]
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
1000
T
a = 25°C
Single Pulse
Mounted on a ceramic board.
(30mm × 30mm × 0.8mm)
Rth
(ch-a)=156°C/W
Rth
(ch-a)(t)=r(t)×Rth(ch-a)
Fig.15 Normalized Transient Thermal Resistance vs. Pulse Width
PULSE WIDTH : Pw(s)
5/6
2011.05 - Rev.A


Similar Part No. - RTF016N05

ManufacturerPart #DatasheetDescription
logo
Rohm
RTF016N05FRA ROHM-RTF016N05FRA Datasheet
2Mb / 14P
   Nch 45V 1.6A Small Signal MOSFET
More results

Similar Description - RTF016N05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UM6K31N TI-UM6K31N Datasheet
205Kb / 6P
[Old version datasheet]   2.5V Drive Nch Nch MOSFET
logo
Rohm
EM6K31_1009 ROHM-EM6K31_1009 Datasheet
195Kb / 6P
   2.5V Drive Nch Nch MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31 ROHM-EM6K31 Datasheet
191Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2_0610 ROHM-QS5K2_0610 Datasheet
67Kb / 4P
   2.5V Drive NchNch MOSFET
US6K1TR ROHM-US6K1TR Datasheet
129Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31T2R ROHM-EM6K31T2R Datasheet
152Kb / 6P
   2.5V Drive Nch Nch MOSFET
UM6K31N ROHM-UM6K31N Datasheet
205Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2TR ROHM-QS5K2TR Datasheet
61Kb / 4P
   2.5V Drive Nch Nch MOSFET
RTR030N05 ROHM-RTR030N05 Datasheet
222Kb / 5P
   2.5V Drive Nch MOSFET
RTL035N03 ROHM-RTL035N03 Datasheet
66Kb / 3P
   2.5V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com