Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK26-1A66B-500W Datasheet(PDF) 1 Page - Meder Electronic

Part # MK26-1A66B-500W
Description  MK Reed Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK26-1A66B-500W Datasheet(HTML) 1 Page - Meder Electronic

  MK26-1A66B-500W Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MK26-1A66B-500W
Item:
| Email: salesasia@meder.com
9262661054
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Magnetic properties
Conditions
Min
Typ
Max
Unit
at 20°C
Pull-In
KMS048-001 + PH45
Test equipment
Special Product Data
Conditions
Min
Typ
Max
Unit
66/3
Contact - No.
A - NO
Contact - form
not to exceed their individual max.'s
Contact rating
DC or Peak AC
Switching voltage
DC or Peak AC
Carry current
DC or Peak AC
Switching current
PBT GF30
Housing material
black
Case color
Polyurethan
Sealing compound
Environmental data
Conditions
Min
Typ
Max
Unit
Operating temperature
Storage temperature
Yes
Remark (RoHS)
Cable specification
Conditions
Min
Typ
Max
Unit
flat cable
Cable type
PVC
Cable material
AWG 26
Cross section
Modifications in the sense of technical progress are reserved
30.11.10
WKOVACS
DKUECHLER
02
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
09.08.11
DKUECHLER
DKUECHLER
Approval by:
Approval by:
09.08.11
Approval at:
09.08.11
Approval at:


Similar Part No. - MK26-1A66B-500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK26-1A66B-500W_DE MEDER-MK26-1A66B-500W_DE Datasheet
97Kb / 1P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK26-1A66B-500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK23-85-E-1 MEDER-MK23-85-E-1 Datasheet
68Kb / 1P
   MK Reed Sensor
MK23-85-F-1 MEDER-MK23-85-F-1 Datasheet
68Kb / 1P
   MK Reed Sensor
MK24-B-2 MEDER-MK24-B-2_11 Datasheet
79Kb / 1P
   MK Reed Sensor
MK03-1A66B-1700W MEDER-MK03-1A66B-1700W_09 Datasheet
68Kb / 1P
   MK Reed Sensor
MK02-1-1A66-2000W MEDER-MK02-1-1A66-2000W Datasheet
204Kb / 2P
   MK Reed Sensor
MK03-1C90B-1500W MEDER-MK03-1C90B-1500W_09 Datasheet
71Kb / 1P
   MK Reed Sensor
MK03-1C90C-1000W MEDER-MK03-1C90C-1000W_09 Datasheet
71Kb / 1P
   MK Reed Sensor
MK11-1A66C-200W MEDER-MK11-1A66C-200W_09 Datasheet
74Kb / 1P
   MK Reed Sensor
MK14-1A66B-200W MEDER-MK14-1A66B-200W_09 Datasheet
67Kb / 1P
   MK Reed Sensor
MK14-1A66B-500W MEDER-MK14-1A66B-500W_11 Datasheet
100Kb / 1P
   MK Reed Sensor
MK14-1A66C-2000W MEDER-MK14-1A66C-2000W_09 Datasheet
68Kb / 1P
   MK Reed Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com