Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSJ300N10 Datasheet(PDF) 1 Page - Rohm

Part # RSJ300N10
Description  4V Drive Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSJ300N10 Datasheet(HTML) 1 Page - Rohm

  RSJ300N10 Datasheet HTML 1Page - Rohm RSJ300N10 Datasheet HTML 2Page - Rohm RSJ300N10 Datasheet HTML 3Page - Rohm RSJ300N10 Datasheet HTML 4Page - Rohm RSJ300N10 Datasheet HTML 5Page - Rohm RSJ300N10 Datasheet HTML 6Page - Rohm RSJ300N10 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
4V Drive Nch MOSFET
RSJ300N10
Structure
Dimensions (Unit : mm)
Silicon N-channel MOSFET
Features
1) Low on-resistance.
2) Built-in G-S Protection Diode.
Application
Switching
Packaging specifications
Inner circuit
Package
Taping
Code
TL
Basic ordering unit (pieces)
1000
RSJ300N10
Absolute maximum ratings (Ta = 25
C)
Symbol
Limits
Unit
Drain-source voltage
VDSS
100
V
Gate-source voltage
VGSS
20
V
Continuous
ID
30
A
Pulsed
IDP
60
A
Continuous
IS
30
A
Pulsed
ISP
60
A
Power dissipation
PD
50
W
Channel temperature
Tch
150
C
Range of storage temperature
Tstg
55 to 150
C
*1 Limited only by maximum temperature allowed.
*2 Pw≦10
s, Duty cycle≦1%
*3 Tc=25℃
Thermal resistance
Symbol
Limits
Unit
Channel to Case
Rth (ch-c)
2.5
C / W
*Mounted on a ceramic board.
Parameter
Type
Source current
(Body Diode)
Drain current
Parameter
*
*3
*2
*2
*1
*1
(1) Gate
(2) Drain
(3) Source
1 ESD PROTECTION DIODE
2 BODY DIODE
LPTS
10.1
4.5
0.78
2.54
5.08
1.24
0.4
1.3
2.7
(1)
(2)
(3)
∗2
∗1
(1)
(2)
(3)
1/6
2011.08 - Rev.A


Similar Part No. - RSJ300N10

ManufacturerPart #DatasheetDescription
logo
Rohm
RSJ301N10 ROHM-RSJ301N10 Datasheet
2Mb / 15P
   Nch 100V 30A Power MOSFET
RSJ301N10FRA ROHM-RSJ301N10FRA Datasheet
2Mb / 15P
   Nch 100V 30A Power MOSFET
More results

Similar Description - RSJ300N10

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com