Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSD100N10 Datasheet(PDF) 4 Page - Rohm

Part # RSD100N10
Description  4V Drive Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSD100N10 Datasheet(HTML) 4 Page - Rohm

  RSD100N10 Datasheet HTML 1Page - Rohm RSD100N10 Datasheet HTML 2Page - Rohm RSD100N10 Datasheet HTML 3Page - Rohm RSD100N10 Datasheet HTML 4Page - Rohm RSD100N10 Datasheet HTML 5Page - Rohm RSD100N10 Datasheet HTML 6Page - Rohm RSD100N10 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSD100N10
 
0.01
0.1
1
10
100
0.01
0.1
1
10
100
Drain Current : I
D [A]
Fig.7 Forward Transfer Admittance vs. Drain Current
V
DS=10V
pulsed
T
a=125°C
T
a=75°C
T
a=25°C
T
a=-25°C
0.001
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Gate-Source Voltage : V
GS [V]
Fig.8 Typical Transfer Characteristics
V
DS=10V
pulsed
T
a=125°C
T
a=75°C
T
a=25°C
T
a=-25°C
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
Source-Drain Voltage : V
SD [V]
Fig.9 Source Current vs. Source-Drain Voltage
V
GS=0V
pulsed
T
a=125°C
T
a=75°C
T
a=25°C
T
a=-25°C
0
50
100
150
200
250
0
2
4
6
8
10
Gate-Source Voltage : V
GS [V]
Fig.10 Static Drain-Source On-State Resistance vs. Gate-Source Voltage
I
D=10A
I
D=5A
T
a=25°C
pulsed
1
10
100
1000
10000
0.01
0.1
1
10
100
Drain Current : I
D [A]
Fig.11 Switching Characteristics
t
d(on)
t
r
t
d(off)
t
f
V
DD≒50V
V
GS=10V
R
G=10Ω
T
a=25°C
Pulsed
0
2
4
6
8
10
0
2
4
6
8
10
12
14
16
18
20
Total Gate Charge : Q
g [nC]
Fig.12 Dynamic Input Characteristics
T
a=25°C
V
DD=50V
I
D=10A
Pulsed
4/6
2011.06 - Rev.A


Similar Part No. - RSD100N10

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
RSD100N10 DOINGTER-RSD100N10 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Rohm
RSD100N10FRA ROHM-RSD100N10FRA Datasheet
1Mb / 10P
   4V Drive Nch MOSFET
More results

Similar Description - RSD100N10

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com