Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LH5116H-10 Datasheet(PDF) 8 Page - Sharp Electrionic Components

Part No. LH5116H-10
Description  CMOS 16K (2K x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

LH5116H-10 Datasheet(HTML) 8 Page - Sharp Electrionic Components

Back Button LH5116H-10 Datasheet HTML 2Page - Sharp Electrionic Components LH5116H-10 Datasheet HTML 3Page - Sharp Electrionic Components LH5116H-10 Datasheet HTML 4Page - Sharp Electrionic Components LH5116H-10 Datasheet HTML 5Page - Sharp Electrionic Components LH5116H-10 Datasheet HTML 6Page - Sharp Electrionic Components LH5116H-10 Datasheet HTML 7Page - Sharp Electrionic Components LH5116H-10 Datasheet HTML 8Page - Sharp Electrionic Components LH5116H-10 Datasheet HTML 9Page - Sharp Electrionic Components LH5116H-10 Datasheet HTML 10Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
13.45 [0.530]
12.95 [0.510]
0.51 [0.020] MIN
5.30 [0.209]
4.90 [0.193]
3.45 [0.136]
3.05 [0.120]
2.54 [0.100]
TYP.
0.60 [0.024]
0.40 [0.016]
0.30 [0.012]
0.20 [0.008]
DETAIL
DIMENSIONS IN MM [INCHES]
31.30 [1.232]
30.70 [1.209]
0
° TO 15°
MAXIMUM LIMIT
MINIMUM LIMIT
4.45 [0.175]
4.05 [0.159]
15.24 [0.600]
TYP.
24DIP (DIP024-P-0600)
112
24
13
24DIP-2
24-pin, 600-mil DIP
PACKAGE DIAGRAMS
6.55 [0.258]
6.15 [0.242]
0.51 [0.020] MIN
4.40 [0.173]
4.00 [0.157]
3.45 [0.136]
3.05 [0.120]
1.778 [0.070]
TYP.
0.56 [0.022]
0.36 [0.014]
7.62 [0.300]
TYP.
0.30 [0.012]
0.20 [0.008]
DETAIL
22.25 [0.876]
21.75 [0.856]
0
° TO 15°
3.65 [0.144]
3.25 [0.128]
24SDIP (SDIP024-P-0300)
DIMENSIONS IN MM [INCHES]
MAXIMUM LIMIT
MINIMUM LIMIT
112
13
24
24SDIP
24-pin, 300-mil SK-DIP
LH5116/H
CMOS 16K (2K
× 8) Static RAM
8


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IS61C6716K X 1 HIGH SPEED CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
LH5116SCMOS 16K 2K x 8 Static RAM 1 2 3 4 5 MoreSharp Electrionic Components
IDT7188SCMOS STATIC RAM 64K 16K x 4-BIT 1 2 3 4 5 MoreIntegrated Device Technology
IDT7M100216K x 32 CMOS DUAL-PORT STATIC RAM MODULE 1 2 3 4 5 MoreIntegrated Device Technology
W24129A16K X 8 HIGH-SPEED CMOS STATIC RAM 1 2 3 4 5 MoreWinbond
HM-6526216K x 1 Asynchronous CMOS Static RAM 1 2 3 4 5 MoreIntersil Corporation
IDT6116SACMOS STATIC RAM 16K 2K x 8 BIT 1 2 3 4 5 MoreIntegrated Device Technology
IDT6167SACMOS STATIC RAM 16K 16K x 1-BIT 1 2 3 4 5 MoreIntegrated Device Technology
IDT6168SACMOS STATIC RAM 16K 4K x 4-BIT 1 2 3 4 5 MoreIntegrated Device Technology
IDT6198SCMOS STATIC RAM 64K 16K x 4-BIT with Output Control 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn