Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM960-H14 Datasheet(PDF) 4 Page - Rohm

Part # RPM960-H14
Description  IrDA Infrared Communication Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM960-H14 Datasheet(HTML) 4 Page - Rohm

  RPM960-H14 Datasheet HTML 1Page - Rohm RPM960-H14 Datasheet HTML 2Page - Rohm RPM960-H14 Datasheet HTML 3Page - Rohm RPM960-H14 Datasheet HTML 4Page - Rohm RPM960-H14 Datasheet HTML 5Page - Rohm RPM960-H14 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RPM960-H14
Photo Link Module
Rev.C
4/5
Electrical characteristics (Unless otherwise noted, VCC=3V, LEDVCC=3V, VIO=3V, Ta=25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Consumption current 1
ICC1
ICC2
VPDH
VPDL
IPDH
IPDL
440
µA
PWDOWN
=OV, At no input light
PWDOWN
=VIO, At no input light
PWDOWN
=VIO
VIO
= 1.8 to 3.6 V
Consumption current 2
Transmission rate
PWDOWN input high voltage
PWDOWN input low voltage
PWDOWN input high current
PWDOWN input low current
TXD input high voltage
TXD input low voltage
RXD output high voltage
RXD output rise time
RXD output fall time
RXD output pulse width
Receiver latency time
RXD output low voltage
TXD input high current
TXD input low current
LED anode current 1
270
0.01
0
2.4
2/3
∗VIO
2/3
∗VIO
1/3
∗VIO
1/3
∗VIO
10
610
µA
0.2
kbps
1152
V
V
VIO
< Transmitter >
< Receiver >
VTXH
VTXL
ITXH
ITXL
ILED1
VRXH
VRXL
tRR
tFR
tRT
twRXD
PWDOWN
=0V
TXD
=VIO
TXD
=0 V
0
−1.0
0
2.5
−1.0
0
228
VIO
−0.4
0
−1.0
5
0
170
20
20
380
100
µA
1.0
µA
1.0
V
V
µA
µA
mA
V
V
ns
ns
µs
ns
VIO
1.0
400
VIO
0.4
532
200
IRXH
= −200µA
IRXL
= 200µA
CL
=15pF
CL
=15pF
CL
=15pF, 2.4k to 1.152 Mbps
VIO
=1.8 to 3.6 V
(VIO
VCC)
mA
(VIO VCC)
LED anode current 2
ILED2
180
260
R1
=5.6Ω
R1
=5.6Ω
LEDVCC
=5.5V
ns
1.152 Mbps
160
−−
Tjrxd
RXD output pulse edge jitter
<−
<−
Optical characteristics (Unless otherwise noted, VCC=3V, LEDVCC=3V, VIO=3V, Ta=25°C)
1. This product is not designed for protection against radioactive rays.
2. This product dose not include laser transmitter.
3. This product includes one PIN photo diode.
4. This product dose not include optical load.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Peak wave length
λP
IE1
θD / 2
TLEDmax
Tr / Tf
Tj
Eemin
870
nm
−15 deg θ L 15 deg
TXD
=VIO
10% to 90%
Intensity1
Rise time / Fall time
Optical over shoot
Edge jitter
Minimum irradiance in angular
Input half
−angle
Maximum emitting time
850
63
25
±18
900
mW / Sr
200
mW / cm2
deg
ns
deg
µs
120
9
±15
16
%
25
ns
40
500
14
R1
=5.6Ω
Half
−angle
θL / 2
−25
25
Maximum irradiance in augular
Eemax
µW / cm2
−−
48
Optical pulse width
Twe
172
217
256
ns
tTXD
=217 ns
−15 deg θ L 15 deg
−15 deg θ L 15 deg
<−
<−
<−
<−
<−
<−


Similar Part No. - RPM960-H14

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM960-H14 ROHM-RPM960-H14 Datasheet
111Kb / 6P
   IrDA Infrared Communication Module
More results

Similar Description - RPM960-H14

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM872-H7 ROHM-RPM872-H7 Datasheet
89Kb / 7P
   IrDA infrared communication module
RPM882-H14 ROHM-RPM882-H14 Datasheet
126Kb / 10P
   IrDA Infrared Communication Module
RPM871-H12 ROHM-RPM871-H12 Datasheet
103Kb / 8P
   IrDA Infrared communication Module
RPM841-H16 ROHM-RPM841-H16 Datasheet
92Kb / 10P
   IrDA Infrared Communication Module
RPM871-H7 ROHM-RPM871-H7 Datasheet
93Kb / 7P
   IrDA Infrared communication Module
RPM841-H11 ROHM-RPM841-H11 Datasheet
119Kb / 10P
   IrDA Infrared Communication Module
RPM922-H11 ROHM-RPM922-H11 Datasheet
99Kb / 6P
   IrDA Infrared Communication Module
RPM872-H14 ROHM-RPM872-H14_06 Datasheet
94Kb / 7P
   IrDA infrared communication module
RPM871-H12E4A ROHM-RPM871-H12E4A Datasheet
83Kb / 8P
   IrDA Infrared communication Module
RPM970-H14 ROHM-RPM970-H14 Datasheet
127Kb / 8P
   IrDA Infrared Communication Module
RPM972-H14 ROHM-RPM972-H14 Datasheet
117Kb / 10P
   IrDA Infrared Communication Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com