Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM960-H14 Datasheet(PDF) 5 Page - Rohm

Part # RPM960-H14
Description  IrDA Infrared Communication Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM960-H14 Datasheet(HTML) 5 Page - Rohm

  RPM960-H14_05 Datasheet HTML 1Page - Rohm RPM960-H14_05 Datasheet HTML 2Page - Rohm RPM960-H14_05 Datasheet HTML 3Page - Rohm RPM960-H14_05 Datasheet HTML 4Page - Rohm RPM960-H14_05 Datasheet HTML 5Page - Rohm RPM960-H14_05 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RPM960-H14
Photo Link Module
Rev.C
5/5
Notes
1) LEDVCC (1pin), VCC (6pin) and VIO (7pin)
Other power source can be used difference between LEDVCC and VCC and VIO. (VIO < VCC+0.3V)
2) Caution in designing board lay-out
To get maximum potential from RPM960-H14, please keep in mind following instruction.
The line of RXD (4pin) should be connected at backside via through hole close to RPM960-H14 pin lead. Better not
to be close to photo diode side (8pin side).
⇒This is to minimize feedback supplied to photo diode from RXD.
Better to be placed at more than 1.0cm radius from photo diode (8pin side) and also away from the parts which
generate noise, such as DC / DC converter.
As for C1 between 6 and 8 pins, it should be placed close to RPM960-H14.
3) Notes
Please be sure to set up the TXD (3pin) input to be “L” (under 0.6V) except transmitting data.
(For
< 90µ sec. ON duty < 25%).
Powerdown current might increase if exposed by strong light (ex. direct sunlight) at powerdown mode.
Please use by the signal format which is specified by IrDA Ver1.3 (Low Power) except 4 Mbps.
There might be on error if used by different signal format.
4) Eye safe
EN60825-1 (IEC60825-1 amendment2), Class1 Eye safe.
External dimensions (Unit : mm)
2.COPLANARITY : 0.1mmMAX
1.TOLERANCE : ±0.2mm
A
UNIT : mm
NOTE
ETH396
PinPD
LED
8
1
2.2
R1.0
R1.1
0.95
P0.95
×7=6.65
2.59
0.37±0.1
4.0
1.4
1.1
2.2
0.78
0.15±0.1
0.76
8.0
2.8
0.48
0.6
A Part Size (Shield Case underside size)


Similar Part No. - RPM960-H14_05

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM960-H14 ROHM-RPM960-H14 Datasheet
111Kb / 6P
   IrDA Infrared Communication Module
More results

Similar Description - RPM960-H14_05

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM872-H7 ROHM-RPM872-H7 Datasheet
89Kb / 7P
   IrDA infrared communication module
RPM882-H14 ROHM-RPM882-H14 Datasheet
126Kb / 10P
   IrDA Infrared Communication Module
RPM871-H12 ROHM-RPM871-H12 Datasheet
103Kb / 8P
   IrDA Infrared communication Module
RPM841-H16 ROHM-RPM841-H16 Datasheet
92Kb / 10P
   IrDA Infrared Communication Module
RPM871-H7 ROHM-RPM871-H7 Datasheet
93Kb / 7P
   IrDA Infrared communication Module
RPM841-H11 ROHM-RPM841-H11 Datasheet
119Kb / 10P
   IrDA Infrared Communication Module
RPM922-H11 ROHM-RPM922-H11 Datasheet
99Kb / 6P
   IrDA Infrared Communication Module
RPM872-H14 ROHM-RPM872-H14_06 Datasheet
94Kb / 7P
   IrDA infrared communication module
RPM871-H12E4A ROHM-RPM871-H12E4A Datasheet
83Kb / 8P
   IrDA Infrared communication Module
RPM970-H14 ROHM-RPM970-H14 Datasheet
127Kb / 8P
   IrDA Infrared Communication Module
RPM972-H14 ROHM-RPM972-H14 Datasheet
117Kb / 10P
   IrDA Infrared Communication Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com