Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM872-H14 Datasheet(PDF) 5 Page - Rohm

Part # RPM872-H14
Description  IrDA infrared communication module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM872-H14 Datasheet(HTML) 5 Page - Rohm

  RPM872-H14 Datasheet HTML 1Page - Rohm RPM872-H14 Datasheet HTML 2Page - Rohm RPM872-H14 Datasheet HTML 3Page - Rohm RPM872-H14 Datasheet HTML 4Page - Rohm RPM872-H14 Datasheet HTML 5Page - Rohm RPM872-H14 Datasheet HTML 6Page - Rohm RPM872-H14 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RPM872-H14
Photo Link Module
Rev.A
5/6
Timing chart
more than 48
µs
approximately 48
µs
less than 2.3
µs
more than 2.3
µs
approximately 2.3
µs
approximately 2.3
µs
pull up to VIO at
approximately 300k
(Emitting side)
(Detecting side)
TXD
(7pin)
Internal LED
(Light output)
Light input
RXD
(6pin)
PWDOWN
(5pin)
less than 48
µs
(emitting)
(emitting)
(emitting)
Recommended values
Part symbol
C1
Recommended value
Notice
1
µF, tantalum or ceramic
Ex.) TCFGA1A105M8R (ROHM)
Bigger capacitance is recommended with much noise from power supply


Similar Part No. - RPM872-H14

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM872-H14 ROHM-RPM872-H14 Datasheet
96Kb / 7P
   IrDA infrared communication module
More results

Similar Description - RPM872-H14

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM872-H7 ROHM-RPM872-H7 Datasheet
89Kb / 7P
   IrDA infrared communication module
RPM882-H14 ROHM-RPM882-H14 Datasheet
126Kb / 10P
   IrDA Infrared Communication Module
RPM871-H12 ROHM-RPM871-H12 Datasheet
103Kb / 8P
   IrDA Infrared communication Module
RPM841-H16 ROHM-RPM841-H16 Datasheet
92Kb / 10P
   IrDA Infrared Communication Module
RPM871-H7 ROHM-RPM871-H7 Datasheet
93Kb / 7P
   IrDA Infrared communication Module
RPM841-H11 ROHM-RPM841-H11 Datasheet
119Kb / 10P
   IrDA Infrared Communication Module
RPM922-H11 ROHM-RPM922-H11 Datasheet
99Kb / 6P
   IrDA Infrared Communication Module
RPM871-H12E4A ROHM-RPM871-H12E4A Datasheet
83Kb / 8P
   IrDA Infrared communication Module
RPM970-H14 ROHM-RPM970-H14 Datasheet
127Kb / 8P
   IrDA Infrared Communication Module
RPM972-H14 ROHM-RPM972-H14 Datasheet
117Kb / 10P
   IrDA Infrared Communication Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com