Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM-012PB Datasheet(PDF) 1 Page - Rohm

Part # RPM-012PB
Description  High Sensitivity Chip Sensor, Side veiw type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM-012PB Datasheet(HTML) 1 Page - Rohm

  RPM-012PB_10 Datasheet HTML 1Page - Rohm RPM-012PB_10 Datasheet HTML 2Page - Rohm RPM-012PB_10 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.06 - Rev.A
High Sensitivity Chip Sensor, Side veiw type
RPM-012PB
The RPM-012PB is ultra small size and high sensitivity chip sensor. Original technology, original structure and original optical
design enable to use Automatic mounting machine, Reflow, ultra small size, high sensitivity.
Application
Dimensions (Units : mm)
Optical control equipment
Receiver for sensors
Features
1) High sensitivity by
2 lenze.
2) Ultra-compact surface mount package.
(3mm x 3mm x 2mm)
3) It is possible to do Reflow.
Absolute maximum ratings (Ta=25
C)
Collector-emitter voltage
Emitter-collector voltage
Collector current
Collector power dissipation
Operating temperature
Storage temperature
Parameter
Symbol
VCEO
VECO
IC
PC
Topr
Tstg
Limits
32
5
20
75
−30∼+85
−40∼+100
Unit
V
V
mA
mW
˚C
˚C
Electrical and optical characteristics (Ta=25
C)
Dark current
Light current
Peak sensitivity wavelength
Collector-emitter saturation voltage
Response time
Half-angle
Parameter
Symbol
IC
ICEO
λP
VCE(sat)
θ1/2
tr·tf
Min.
0.56
Typ.
1.6
800
±12
10
Max.
4.5
0.5
0.4
Unit
mA
VCE
=5V, E=500Lx
VCE
=10V (Black box)
IC
=0.1mA, E=500Lx
VCC
=5V, IC=1mA, RL=100Ω
μA
nm
V
deg
μs
Conditions
1.Unspecified tolerance shall be
2-0.4
0.8
R1
0.25
3
Note
)
2.Dimension in parenthesis are show for
Internal connection diagram
1
2
+−0.2.
reference.
12


Similar Part No. - RPM-012PB_10

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM-012PB ROHM-RPM-012PB Datasheet
40Kb / 3P
   High Sensitivity Chip Sensor, Side veiw type
More results

Similar Description - RPM-012PB_10

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM-012PB ROHM-RPM-012PB Datasheet
40Kb / 3P
   High Sensitivity Chip Sensor, Side veiw type
logo
Prolific Technology Inc...
PT3601 PROLIFIC-PT3601 Datasheet
211Kb / 1P
   High Sensitivity Latch Type Hall Sensor
PT3603 PROLIFIC-PT3603 Datasheet
213Kb / 1P
   High Sensitivity Latch Type Hall Sensor
logo
Rohm
SIM-012SB ROHM-SIM-012SB Datasheet
78Kb / 4P
   High power chip sensor, side view type
SIM-012ST ROHM-SIM-012ST Datasheet
51Kb / 4P
   High power chip sensor, side view type
logo
Sharp Corporation
GP2U05 SHARP-GP2U05 Datasheet
32Kb / 2P
   Particulate Detectable High Sensitivity Type Dust Sensor
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
   High Sensitivity Dust Sensor
logo
Prolific Technology Inc...
PT3621 PROLIFIC-PT3621 Datasheet
232Kb / 1P
   Medium Sensitivity Unipolar type Hall Sensor
logo
JOY-IT
KY-037 JOY-IT-KY-037 Datasheet
230Kb / 7P
   Microphone sensor module (high sensitivity)
logo
Sharp Corporation
GP1L01 SHARP-GP1L01 Datasheet
137Kb / 4P
   High Sensitivity Type Photolnterrupter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com