Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK23-85-E-2 Datasheet(PDF) 1 Page - Meder Electronic

Part # MK23-85-E-2
Description  MK Reed Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK23-85-E-2 Datasheet(HTML) 1 Page - Meder Electronic

  MK23-85-E-2 Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MK23-85-E-2
Item:
| Email: salesasia@meder.com
9231852530
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Magnetic properties
Conditions
Min
Typ
Max
Unit
measured in coil- "define operation"
Pull-In excitation (Reference value)
KMS-01
Reed switch unmodified
Test-Coil
phys. conditioned tolerance of +/- 1 AT
Pull-In excitation (modified contact)
KMS-21
Reed switch modified
Test-Coil
phys. caused tolerance +/- 0,1mT
Pull-In in milliTesla (modified conta
Contact Data 85
Conditions
Min
Typ
Max
Unit
85
Contact-No.
A
Contact-form
Rhodium
Contact-material
!"#$%
not to exceed their individual max.'s
Contact rating
$
&
DC or Peak AC
Switching voltage
DC or Peak AC
Switching current
!'(#)!
100% Duty Cycle
Carry current
!'(#)!
5ms after coil excitation for 50ms max.
Pulsed carry current
*
Measured with 40% overdrive
Contact resistance static
*
Maximum value 1,5 ms after excitation
Contact resistance dynamic
+*
RH <45 %, 100 V test voltage
Insulation resistance
$ !
&
according to IEC 255-5
Breakdown voltage (20-30 AT)
measured with 40% overdrive
Operate time incl. bounce
measured with no coil excitation
Release time
,-
@ 10 kHz across open switch
Capacitance
Environmental data
Conditions
Min
Typ
Max
Unit
.
1/2 sine wave duration 11ms
Shock
.
from 10 - 2000 Hz
Vibration
/!
Operating temperature
/!
Storage temperature
/!
wave soldering max. 5 sec.
Soldering temperature
Modifications in the sense of technical progress are reserved
16.12.09
AKELLER
AKELLER
02
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
07.06.10
RKAMP
RKAMP
Approval by:
Approval by:
16.12.09
Approval at:
Approval at:
07.06.10


Similar Part No. - MK23-85-E-2

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK23-85-E-2_DE MEDER-MK23-85-E-2_DE Datasheet
98Kb / 1P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK23-85-E-2

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK23-85-E-1 MEDER-MK23-85-E-1 Datasheet
68Kb / 1P
   MK Reed Sensor
MK23-85-F-1 MEDER-MK23-85-F-1 Datasheet
68Kb / 1P
   MK Reed Sensor
MK24-B-2 MEDER-MK24-B-2_11 Datasheet
79Kb / 1P
   MK Reed Sensor
MK03-1A66B-1700W MEDER-MK03-1A66B-1700W_09 Datasheet
68Kb / 1P
   MK Reed Sensor
MK02-1-1A66-2000W MEDER-MK02-1-1A66-2000W Datasheet
204Kb / 2P
   MK Reed Sensor
MK03-1C90B-1500W MEDER-MK03-1C90B-1500W_09 Datasheet
71Kb / 1P
   MK Reed Sensor
MK03-1C90C-1000W MEDER-MK03-1C90C-1000W_09 Datasheet
71Kb / 1P
   MK Reed Sensor
MK11-1A66C-200W MEDER-MK11-1A66C-200W_09 Datasheet
74Kb / 1P
   MK Reed Sensor
MK14-1A66B-200W MEDER-MK14-1A66B-200W_09 Datasheet
67Kb / 1P
   MK Reed Sensor
MK14-1A66B-500W MEDER-MK14-1A66B-500W_11 Datasheet
100Kb / 1P
   MK Reed Sensor
MK14-1A66C-2000W MEDER-MK14-1A66C-2000W_09 Datasheet
68Kb / 1P
   MK Reed Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com