Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP1L080SN Datasheet(PDF) 2 Page - Rohm

Part # RP1L080SN
Description  4V Drive Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RP1L080SN Datasheet(HTML) 2 Page - Rohm

  RP1L080SN Datasheet HTML 1Page - Rohm RP1L080SN Datasheet HTML 2Page - Rohm RP1L080SN Datasheet HTML 3Page - Rohm RP1L080SN Datasheet HTML 4Page - Rohm RP1L080SN Datasheet HTML 5Page - Rohm RP1L080SN Datasheet HTML 6Page - Rohm RP1L080SN Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RP1L080SN
 
Electrical characteristics (Ta = 25°C)
Symbol
Min.
Typ.
Max.
Unit
Gate-source leakage
IGSS
--
10
AVGS=20V, VDS=0V
Drain-source breakdown voltage V(BR)DSS
60
-
-
V
ID=1mA, VGS=0V
Zero gate voltage drain current
IDSS
--
1
AVDS=60V, VGS=0V
Gate threshold voltage
VGS (th)
1.0
-
3.0
V
VDS=10V, ID=1mA
-17
24
ID=8.0A, VGS=10V
-19
27
ID=8.0A, VGS=4.5V
-20
28
ID=8.0A, VGS=4.0V
Forward transfer admittance
l Yfs l
8.5
-
-
S
ID=8.0A, VDS=10V
Input capacitance
Ciss
-
1700
-
pF
VDS=10V
Output capacitance
Coss
-
330
-
pF
VGS=0V
Reverse transfer capacitance
Crss
-
170
-
pF
f=1MHz
Turn-on delay time
td(on)
-
18
-
ns
ID=4.0A, VDD 30V
Rise time
tr
-
25
-
ns
VGS=10V
Turn-off delay time
td(off)
-
70
-
ns
RL=7.5
Fall time
tf
-
30
-
ns
RG=10
Total gate charge
Qg
-
40
-
nC VDD 30V
Gate-source charge
Qgs
-
5.0
-
nC ID=8.0A,
Gate-drain charge
Qgd
-
9.0
-
nC VGS=10V
*Pulsed
Body diode characteristics (Source-Drain) (Ta = 25C)
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
VSD
-
-
1.2
V
Is=8.0A, VGS=0V
*Pulsed
Conditions
Conditions
m
Parameter
Parameter
Static drain-source on-state
resistance
RDS (on)
*
*
*
*
*
*
*
*
*
*
2/6
2011.08 - Rev.A


Similar Part No. - RP1L080SN

ManufacturerPart #DatasheetDescription
logo
Rohm
RP1L055SN ROHM-RP1L055SN Datasheet
538Kb / 7P
   4V Drive Nch MOSFET
More results

Similar Description - RP1L080SN

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com