Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP1E100XN Datasheet(PDF) 5 Page - Rohm

Part # RP1E100XN
Description  4V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RP1E100XN Datasheet(HTML) 5 Page - Rohm

  RP1E100XN Datasheet HTML 1Page - Rohm RP1E100XN Datasheet HTML 2Page - Rohm RP1E100XN Datasheet HTML 3Page - Rohm RP1E100XN Datasheet HTML 4Page - Rohm RP1E100XN Datasheet HTML 5Page - Rohm RP1E100XN Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
RP1E100XN
 
 Measurement circuits
Fig.1-1 Switching time measurement circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
Fig.1-2 Switching waveforms
90%
90%
90%
10%
10%
50%
10%
50%
VGS
Pulse width
VDS
ton
toff
tr
td(on)
tf
td(off)
Fig.2-2 Gate Charge Waveform
VG
VGS
Charge
Qg
Qgs
Qgd
Fig.2-1 Gate charge measurement circuit
VGS
IG(Const.)
VDS
D.U.T.
ID
RL
VDD
5/5
2010.09- Rev.A


Similar Part No. - RP1E100XN

ManufacturerPart #DatasheetDescription
logo
Rohm
RP1E100RP ROHM-RP1E100RP Datasheet
344Kb / 6P
   4V Drive Pch MOSFET
More results

Similar Description - RP1E100XN

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com