Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F400SUN-LC12 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LH28F400SUN-LC12
Description  4Mbit(512Kbit x 8,256Kbit x 16) 3.3V Flash Memory
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F400SUN-LC12 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LH28F400SUN-LC12 Datasheet HTML 2Page - Sharp Corporation LH28F400SUN-LC12 Datasheet HTML 3Page - Sharp Corporation LH28F400SUN-LC12 Datasheet HTML 4Page - Sharp Corporation LH28F400SUN-LC12 Datasheet HTML 5Page - Sharp Corporation LH28F400SUN-LC12 Datasheet HTML 6Page - Sharp Corporation LH28F400SUN-LC12 Datasheet HTML 7Page - Sharp Corporation LH28F400SUN-LC12 Datasheet HTML 8Page - Sharp Corporation LH28F400SUN-LC12 Datasheet HTML 9Page - Sharp Corporation LH28F400SUN-LC12 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image


Similar Part No. - LH28F400SUN-LC12

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F400SUN-NC60 SHARP-LH28F400SUN-NC60 Datasheet
294Kb / 35P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SUN-NC80 SHARP-LH28F400SUN-NC80 Datasheet
294Kb / 35P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
More results

Similar Description - LH28F400SUN-LC12

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F400SUHT SHARP-LH28F400SUHT Datasheet
2Mb / 41P
   4Mbit(512Kbit x 8,256 Kbit x 16) 5V Single Voltage Flash Memory
LH28F004SU SHARP-LH28F004SU Datasheet
2Mb / 39P
   4Mbit(512Kbit x 8, 256 Kbit x 16) 5V Single Voltage Flash Memory
logo
Winbond
W49L102 WINBOND-W49L102 Datasheet
252Kb / 21P
   64K X 16 CMOS 3.3V FLASH MEMORY
logo
Fujitsu Component Limit...
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
logo
Sharp Corporation
LHF04C10 SHARP-LHF04C10 Datasheet
3Mb / 48P
   4Mbit Flash Memory
logo
Elite Semiconductor Mem...
F59L4G161KA ESMT-F59L4G161KA Datasheet
827Kb / 43P
   4 Gbit (256M x 16) 3.3V NAND Flash Memory
logo
Excel Semiconductor Inc...
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Austin Semiconductor
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Fujitsu Component Limit...
MB84VD2008 FUJITSU-MB84VD2008 Datasheet
393Kb / 30P
   8M (x 16) FLASH MEMORY & 2M (x 16) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com